AI

The **M2PE-14-R/N** is a specific part number typically associated with high-performance **M.2 (NGFF) connectors** or related testing/interface hardware used in telecommunications and data processing environments.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
The part belongs to the **M.2 (Next Generation Form Factor)** family, designed to replace mSATA. It is primarily used for SSDs, Wi-Fi modules, and LTE/5G cellular cards.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF) Socket |
| **Interface Speed** | Supports PCIe Gen 3/4, SATA 3.0, and USB 3.0 |
| **Orientation** | Right-Angle / Horizontal (indicated by 'R') |
| **Pin Count** | 67-75 Positions (Standard M.2) |
| **Pitch** | 0.50 mm |
---
### 2. Key Electronic Components & Design
The internal architecture of this part is engineered for high-frequency signal integrity.
* **Contact Material:** Usually a copper alloy with gold plating (often 15µ" or 30µ") on the contact area to prevent oxidation and ensure low contact resistance over multiple mating cycles.
* **Housing:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic, rated for lead-free reflow soldering (capable of withstanding ~260°C).
* **Keying (The "N" Suffix):** In many M.2 naming conventions, the suffix indicates the "Key" (e.g., Key B, Key M, or Key E). This prevents the wrong type of card from being inserted into the socket.
---
### 3. Pinout and Signal Distribution
While the specific pinout depends on the assigned "Key," a standard M.2 connector like the M2PE series follows this general electronic layout:
| Pin Groups | Function |
| :--- | :--- |
| **Power Rails** | 3.3V supply to the module. |
| **Differential Pairs** | High-speed data lanes (PETp/n, PERp/n) for PCIe communication. |
| **Control Signals** | Reset (PERST#), Clock Request (CLKREQ#), and Wake (WAKE#). |
| **Ground (GND)** | Extensive grounding to shield differential pairs and reduce EMI (Electromagnetic Interference). |
---
### 4. Application Use Cases
This part is commonly found in:
1. **Industrial Embedded PCs:** For adding NVMe storage in compact spaces.
2. **Network Appliances:** Integrating 4G/5G modems.
3. **Development Boards:** Used by engineers to prototype high-speed data transfer modules.
---
### 5. Mechanical Integration
The "R" in the part number often denotes **Right Angle**, meaning the M.2 card sits parallel to the PCB (Motherboard) to save vertical space.
```yaml
Mounting: Surface Mount (SMT)
Retention: Solder pegs for mechanical stability
Height: Low profile (typically 2.0mm to 4.5mm)
```
- ⤷
What is the specific keying (A
- ⤷ B
- ⤷ E
- ⤷ or M) for the N-variant of this part?
- ⤷ What are the soldering requirements for the M2PE series during PCB assembly?
- ⤷ Does this connector support PCIe Gen 5 speeds?