công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2PE-13-R2

  • AI
    The **M2PE-13-R2** is a specialized electronic component, typically identified as a high-density, high-performance connector or interface module often used in industrial or communication hardware (specifically common in Advantech or similar industrial PC ecosystems). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2PE" series generally refers to an **M.2 to PCIe** conversion or extension interface. This part allows for the integration of M.2 modules into standard PCIe slots or vice versa, depending on the specific carrier board configuration. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) / PCIe Interface | | **Connector Type** | Key M or Key B+M (Interface dependent) | | **Data Lanes** | Supports up to PCIe x4 Gen 3/4 | | **Operating Voltage** | 3.3V (Standard for M.2) | | **Mounting Type** | R2 (Revision 2) hardware mounting | --- ### 2. Core Electronic Components The board consists of several critical sub-components to ensure signal integrity and power stability: * **Voltage Regulators (LDO/Buck):** Converts the input voltage from the motherboard (usually 12V or 5V) down to the **3.3V** required by M.2 SSDs or wireless modules. * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) placed near the connector pins to filter high-frequency noise and stabilize the power rail. * **Differential Pair Routing:** The PCB traces are designed with specific impedance (usually 85-100 ohms) to handle high-speed PCIe data signals without data loss. * **Activity LED Circuitry:** Simple transistor-based circuits that drive LEDs to indicate "Power" and "Disk Activity." --- ### 3. Pinout and Connectivity The "13-R2" designation often implies a specific revision of the physical layout. Electronic signals handled by this part include: 1. **PCIe Lanes:** Differential pairs for transmitting (TX) and receiving (RX) data. 2. **REFCLK:** A 100MHz reference clock signal essential for synchronizing data transfer. 3. **PERST#:** A reset signal used to initialize the connected module. 4. **SMBus/I2C:** Low-speed signals used for device identification and thermal monitoring. --- ### 4. Common Applications * **Industrial PCs:** Adding NVMe storage to legacy boards. * **Embedded Systems:** Expanding I/O capabilities for AI accelerators (like Google Coral or Hailo modules). * **Edge Computing:** Connecting 5G/LTE modules to carrier boards. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the M2PE-13-R2?
    • ⤷ Does this part require external drivers to function?
    • ⤷ Is the M2PE-13-R2 compatible with both NVMe and SATA M.2 drives?