M2PA-51-R2/N
AI

The **M2PA-51-R2/N** is a specialized electronic component, typically categorized as a high-performance **Magnetic Proximity Sensor** or a **Limit Switch assembly**, often associated with industrial automation systems (like those from brands such as OMRON or similar precision manufacturers).
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications
The part number typically denotes specific electrical and physical configurations:
| Feature | Specification |
| :--- | :--- |
| **Type** | Magnetic Proximity / Reed Switch Assembly |
| **Contact Form** | SPDT (Single Pole Double Throw) or DPDT depending on the sub-series |
| **Rated Voltage** | Typically 12V to 24V DC (Industrial standard) |
| **Switching Current** | Low power (Signal level) |
| **Housing Material** | Nickel-plated brass or high-grade plastic |
| **Mounting Style** | Panel mount or Bracket mount (R2 suffix usually refers to a specific radius or mounting style) |
---
### 2. Key Electronic Components
The device functions through a combination of several internal electronic elements:
* **Reed Switch or Hall Effect Sensor:** The core sensing element. If it is a Reed switch, it uses two ferromagnetic blades that close when a magnetic field is present. If it is Hall Effect, it uses a semiconductor to detect magnetic flux.
* **Built-in Protection:** Most "/N" variants include internal diodes or resistors to prevent "back-EMF" (electromagnetic interference) when switching inductive loads.
* **LED Indicator:** Many industrial sensors in this series feature a built-in LED (typically Green or Red) to indicate the logic state (ON/OFF).
* **Internal Circuitry:**
```cpp
// Conceptual Logic Representation
if (MagneticField > Threshold) {
OutputState = CLOSED;
IndicatorLED = ON;
} else {
OutputState = OPEN;
IndicatorLED = OFF;
}
```
---
### 3. Wiring and Application
This part is commonly used in safety interlocks, position detection for pneumatic cylinders, or door closure sensors.
* **Wiring Color Codes (Typical):**
1. **Brown:** Positive Supply (+V)
2. **Blue:** Negative Supply (0V/Ground)
3. **Black/White:** Control Output (NO/NC signal)
---
### 4. Meaning of the Suffixes
* **M2PA:** Series identifier (Miniature/Modular Proximity Assembly).
* **51:** Specific mechanical size or sensitivity rating.
* **R2:** Often indicates a specific **wire exit angle** or a **radius** for the mounting flange.
* **N:** Usually indicates a **NPN** output type (Sinking) or a specific North-pole magnetic sensitivity.
- ⤷What is the difference between the NPN and PNP versions of this sensor?
- ⤷ What is the maximum sensing distance for the M2PA series?
- ⤷ Can this sensor be used in high-temperature environments?