M2PA-1F-R2/CE
AI

The **M2PA-1F-R2/CE** is a high-performance **Magnetic Proximity Sensor** (or magnetic reed switch unit) commonly used in industrial automation, specifically for detecting the position of pneumatic cylinders or moving mechanical parts.
---
### ## Technical Specifications
The "R2" typically refers to the lead wire length (2 meters), and "CE" indicates compliance with European safety standards.
| Component / Feature | Specification |
| :--- | :--- |
| **Switching Type** | Reed Switch (SPST-NO) |
| **Voltage Range** | 5V to 120V AC/DC |
| **Max Switching Current** | 100mA (max) |
| **Contact Capacity** | 10W (max) |
| **Internal Voltage Drop** | 2.5V or less |
| **Indicator Lamp** | Red LED (Lights up when activated) |
| **Operating Temperature** | -10°C to +70°C |
| **Protection Class** | IP67 (Dust-tight and water-resistant) |
| **Cable Length** | 2 Meters (PVC Jacket) |
---
### ### Internal Electronic Components
The device is comprised of several key electronic layers:
1. **Reed Switch:** The heart of the sensor. It consists of two ferromagnetic blades sealed in a glass tube. When a magnet (usually on a cylinder piston) approaches, the blades close the circuit.
2. **Current Limiting Resistor:** Protects the internal LED from burning out when the operating voltage is applied.
3. **LED Indicator:** A small surface-mount LED that provides visual feedback to the technician that the magnetic field has been detected and the switch is closed.
4. **Varistor/Zener Diode:** Often included in "CE" rated models to protect the internal contacts from voltage spikes (EMC protection).
---
### ### Wiring Diagram
The M2PA-1F-R2/CE is a **2-wire** device. It is wired in series with the load.
```mermaid
[Power Source (+)] ---- [Load (PLC Input/Relay)] ---- (Brown Wire) [Sensor] (Blue Wire) ---- [Power Source (-)]
```
> **Note:** Because this is a 2-wire switch, there is a small "leakage current" even when the switch is off, and a "voltage drop" when the switch is on. Ensure your PLC input threshold is compatible with a 2.5V drop.
---
### ### Key Applications
* **Pneumatic Cylinders:** Mounted in the "T-slot" or "C-slot" of an actuator to sense end-of-stroke.
* **Safety Interlocks:** Detecting if a protective door with a magnet is closed.
* **Counting:** Counting rotations or movements of a magnetic cam.
- ⤷
What is the difference between a 2-wire reed switch and a 3-wire NPN/PNP Hall effect sensor?
- ⤷ How do I calculate if the voltage drop will affect my PLC input detection?
- ⤷ What are the mounting bracket options for this specific sensor model?