M2PA-1B-R/N
AI

The **M2PA-1B-R/N** is a specific automotive-grade relay manufactured by **Omron**. It is designed for high-current switching applications within vehicles, typically used in power distribution centers or engine compartments.
---
### 1. General Specifications
The part number breaks down into specific technical characteristics. Below are the primary electronic specifications:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | SPST-NC (Single Pole Single Throw, Normally Closed) |
| **Coil Voltage** | 12 VDC |
| **Rated Load** | 30A to 40A (Application dependent) |
| **Contact Material** | Silver Alloy (AgSnIn) for anti-welding |
| **Terminal Type** | Plug-in (ISO Micro Relay footprint) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Internal Components & Parts
The M2PA-1B-R/N consists of several critical electronic and mechanical parts that allow it to function as an electromagnetic switch:
#### A. The Electromagnetic Coil
* **Function:** When 12V is applied to the coil terminals (85 and 86), it creates a magnetic field.
* **The "R" Suffix:** In this specific model, the "R" often denotes an internal **Resistor** wired in parallel with the coil.
* *Purpose:* This acts as a suppression device to prevent "back EMF" (voltage spikes) from damaging sensitive electronic control units (ECUs) when the relay is turned off.
#### B. The Contacts (Normally Closed)
* **The "1B" Designation:** This indicates a "Form B" contact arrangement.
* **State:** Unlike standard relays that turn "on" when powered, this relay is **closed by default**. When the coil is energized, the magnetic force pulls the armature, **opening** the circuit.
#### C. Housing and Sealing
* **The "N" Suffix:** Usually refers to the sealing or mounting configuration.
* **Construction:** The outer shell is made of heat-resistant plastic capable of withstanding the high-temperature environment of an engine bay.
---
### 3. Pinout Configuration (ISO Standard)
This relay follows the standard ISO micro-relay pin numbering:
| Pin Number | Description |
| :--- | :--- |
| **85** | Coil Ground |
| **86** | Coil Power (12V) |
| **30** | Common Terminal (Input) |
| **87a** | Output (Normally Closed) |
---
### 4. Typical Applications
Because this is a **Normally Closed** relay, it is frequently used for:
* **Security Systems:** Cutting fuel pump power or starter signals when an alarm is triggered.
* **Daytime Running Lights (DRL):** Turning off specific lighting when the main headlights are activated.
* **Battery Isolation:** Disconnecting non-essential loads during specific vehicle states.
---
- ⤷
What is the resistance value of the internal suppression resistor in the M2PA series?
- ⤷ Can this relay be used in 24V systems
- ⤷ or is it strictly 12V?
- ⤷ What is the difference between the '1B' and '1A' versions of this relay?