M2PA-12-R2/
AI

The **M2PA-12-R2** is a specific model of a **Miniature Power Relay** typically manufactured by companies like **Omron** (part of the G2R or M2PA series architectures). These components are designed to control high-power electrical circuits using a low-power signal.
---
### 1. Key Technical Specifications
The "M2PA" designation often refers to the mounting style and internal configuration. Below are the typical electronic characteristics for this class of relay:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Form** | DPDT (Double Pole Double Throw) |
| **Rated Load (Resistive)** | 5A to 10A at 250VAC / 30VDC |
| **Max Switching Voltage** | 380VAC / 125VDC |
| **Contact Material** | Silver Alloy (Ag-alloy) |
| **Mounting Type** | Plug-in / Socket mount |
---
### 2. Internal Electronic Components
A relay like the M2PA-12-R2 consists of several critical electronic and mechanical parts:
#### A. The Electromagnetic Coil
* **Function:** Converts the 12V DC electrical input into a magnetic field.
* **Component:** Fine copper wire wound around an iron core. When energized, it pulls the armature toward it.
#### B. The Contacts (Switching Element)
* **Stationary & Movable Contacts:** These are the points that physically touch to complete the circuit.
* **DPDT Logic:** This model features two separate sets of switches, each with a "Normally Open" (NO) and "Normally Closed" (NC) position.
#### C. The Armature and Spring
* **Armature:** A balanced metal plate moved by the magnetic field.
* **Return Spring:** Ensures that when power is removed from the coil, the contacts return to their original "Rest" state.
---
### 3. Connection Pinout Diagram
While the physical layout is usually a standard 8-pin or 11-pin configuration, the functional mapping is as follows:
```text
[ Coil ] ---- Pin 1 & Pin 8 (12V DC Input)
[ Pole 1 ] -- Pin 2 (Common), Pin 3 (NC), Pin 4 (NO)
[ Pole 2 ] -- Pin 5 (Common), Pin 6 (NC), Pin 7 (NO)
```
---
### 4. Typical Applications
* **Industrial Control:** Used in PLC (Programmable Logic Controller) outputs to drive motors or heaters.
* **Automation:** Interfacing between low-voltage sensors and high-voltage actuators.
* **Power Isolation:** Protecting sensitive control electronics from high-voltage surges in the load circuit.
---
### 5. Selection Precautions
1. **Flyback Diode:** When driving the 12V coil from a transistor or microcontroller, always use a **flyback diode** (e.g., 1N4007) in parallel with the coil to prevent inductive voltage spikes.
2. **Inrush Current:** Ensure the 12V power supply can handle the "pick-up" current required to energize the coil (typically 40mA - 100mA).
- ⤷What is the difference between DPDT and SPDT in these relays?
- ⤷ How do I test if the M2PA-12-R2 coil is still functional using a multimeter?
- ⤷ Which DIN-rail socket is compatible with the M2PA series?