M2PA-11-R
AI

The **M2PA-11-R** refers to a specific configuration of a high-performance, industrial-grade **Solid State Relay (SSR)** or a specialized **Interposing Relay Module**, often associated with brands like Phoenix Contact or IDEC (though the prefix is most commonly associated with custom relay assemblies).
Below is a breakdown of its electronic components, technical specifications, and functions.
---
### 1. Key Technical Specifications
The "11" in the part number typically signifies a **1 Form C (SPDT)** contact configuration, while the "R" often denotes a **Relay-based** output or **RoHS** compliance.
| Feature | Description |
| :--- | :--- |
| **Input Voltage (Control)** | Typically 24V DC (Standard for PLC logic) |
| **Switching Voltage** | 250V AC / 30V DC (Max) |
| **Continuous Current** | 6A to 10A (Depending on the specific housing) |
| **Contact Type** | SPDT (Single Pole Double Throw) |
| **Mounting Type** | DIN Rail (35mm) |
| **Termination** | Screw Terminals or Push-in technology |
---
### 2. Internal Electronic Parts
The module is composed of several critical electronic components that allow low-power signals to control high-power loads:
* **Electromagnetic Coil:** The heart of the "R" (Relay) version. When DC power is applied, it creates a magnetic field to move the mechanical contacts.
* **Flyback Diode (Freewheeling Diode):** Placed across the input coil to suppress voltage spikes (back-EMF) when the relay is turned off, protecting the driving PLC or controller.
* **LED Status Indicator:** A green or red LED integrated into the circuit to provide visual feedback when the input coil is energized.
* **Bridge Rectifier (Optional):** In some AC/DC universal models, a small bridge rectifier allows the input to accept either polarity.
* **Silver Tin Oxide (AgSnO2) Contacts:** The internal physical contact points designed for high conductivity and resistance to "welding" under high-current arcs.
---
### 3. Functional Pinout/Wiring
Most M2PA-11-R modules follow a standard 5-pin or 6-pin layout:
1. **A1 (+):** Positive Control Input (24V).
2. **A2 (-):** Negative Control Input (0V / Ground).
3. **11 (COM):** Common Terminal for the load.
4. **12 (NC):** Normally Closed contact.
5. **14 (NO):** Normally Open contact.
---
### 4. Circuit Diagram Representation
The logic of the M2PA-11-R can be visualized as follows:
```text
Control Side (Logic) Load Side (Power)
[A1] ----( Coil )---- [A2] [12] (NC)
| |
|-----------/ [11] (COM)
\
[14] (NO)
```
---
### 5. Applications
* **PLC Interfacing:** Using a low-current PLC output to switch a high-current motor or solenoid.
* **Galvanic Isolation:** Separating the sensitive electronic control circuit from the noisy high-voltage power circuit.
* **Signal Multiplication:** Taking one control signal and using the SPDT contacts to trigger two different actions.
- ⤷
What is the maximum switching frequency for the M2PA-11-R compared to a Solid State Relay?
- ⤷ How do I troubleshoot a relay module that is energized but not switching the load?
- ⤷ Can this relay be used for PWM (Pulse Width Modulation) applications?