M2MS-6-R/UL
AI

The **M2MS-6-R/UL** is a specific type of **Micro Switch** (also known as a snap-action switch). These components are widely used in industrial and consumer electronics due to their high reliability and crisp actuation point.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics typically associated with this model:
| Characteristic | Specification |
| :--- | :--- |
| **Switch Type** | Subminiature Snap-Action |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 5A to 10A (Model dependent) |
| **Voltage Rating** | 125V / 250V AC |
| **Actuator Type** | Simulated Roller Lever |
| **Termination Style** | Solder Terminals / PC Pins |
| **Compliance** | UL Recognized, RoHS Compliant |
---
## 2. Key Components & Construction
### A. The Housing (UL Rated)
The "UL" suffix indicates that the plastic housing is made from UL-certified flame-retardant materials. This is critical for safety in high-voltage applications.
### B. Contact Mechanism
* **Silver Contacts:** High-quality silver or silver-alloy contacts are used to minimize electrical resistance and prevent oxidation.
* **Snap-Action Spring:** Uses a beryllium copper leaf spring to ensure that the transition between "Open" and "Closed" states is instantaneous, regardless of how fast or slow the lever is pressed.
### C. Actuator (The "6-R" Designation)
* **Simulated Roller:** The "6-R" usually refers to the specific lever arm. A simulated roller is a curved metal leaf that mimics a wheel, reducing friction when the switch is triggered by a cam or a moving mechanical part.
---
## 3. Terminal Configuration
As an **SPDT** switch, it features three pins:
1. **COM (Common):** The input power source.
2. **NC (Normally Closed):** Connected to COM when the lever is at rest.
3. **NO (Normally Open):** Connected to COM only when the lever is depressed.
---
## 4. Typical Applications
* **Safety Interlocks:** Detecting if a door or panel is closed (e.g., microwaves or 3D printers).
* **Limit Switching:** Used in CNC machines to define the "Home" position or prevent over-travel.
* **Control Panels:** Acting as a high-durability push button.
- ⤷
What is the mechanical life expectancy of the M2MS series?
- ⤷ Can this switch be used for DC loads instead of AC?
- ⤷ How does a 'simulated' roller differ from a true ball-bearing roller?