M2MS-6-R/K
AI

The **M2MS-6-R/K** is a specific electronic component, typically classified as a **miniature selector switch** or a rotary-style switch used in industrial control panels and electronic instrumentation.
Below is a detailed breakdown of its specifications, construction, and typical use cases.
---
## 1. Technical Specifications
The "M2MS" series usually refers to 16mm or 22mm mounting diameter switches. Here are the common electrical and physical characteristics:
| Feature | Description |
| :--- | :--- |
| **Mounting Diameter** | 16mm (Standard for M2MS series) |
| **Operation Type** | Maintained (Stays in position) or Momentary |
| **Positions** | 2-Position or 3-Position (indicated by the numeric suffix) |
| **Contact Configuration** | SPDT (Single Pole Double Throw) or DPDT |
| **Current Rating** | Typically 3A to 5A at 250VAC |
| **Terminal Type** | Solder or Quick-connect terminals |
| **Illumination** | Non-illuminated (usually indicated by the 'R' or 'K' suffix) |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **M2MS**: The series designation (Miniature Selector Switch).
* **6**: Often refers to the mounting hole size (16mm) or a specific handle style.
* **R**: Usually denotes **Round** shape bezel.
* **K**: Often denotes **Key-operated** or a specific color/knob variant (Black/Key).
---
## 3. Internal Construction
The switch consists of three primary electronic/mechanical sections:
### A. The Operator (Head)
The visible part on the outside of the panel. In the **-R/K** variant, this is a knob or a key-lock mechanism. It translates mechanical rotation into internal movement.
### B. Contact Block
The "electronic" heart of the part. It contains the silver or gold-plated contacts.
* **Normally Open (NO):** Circuit is broken until the switch is turned.
* **Normally Closed (NC):** Circuit is continuous until the switch is turned.
### C. Housing (Body)
Made from high-grade plastics (like Polycarbonate) to provide insulation and heat resistance.
---
## 4. Typical Applications
These switches are found in environments where space is limited but manual control is required:
1. **Industrial Control Panels:** For selecting modes (e.g., Manual vs. Auto).
2. **Medical Equipment:** Power sequencing or mode selection.
3. **Laboratory Instruments:** Switching between different sensor inputs.
4. **Security Systems:** Key-operated versions are used to arm/disarm systems.
---
- ⤷
What is the maximum voltage rating for the M2MS series?
- ⤷ How do I distinguish between a 2-position and 3-position M2MS switch?
- ⤷ Are there waterproof (IP65) versions of this specific selector switch?