M2MS-4W-R2/K
AI

The **M2MS-4W-R2/K** is a specialized precision potentiometer (or magnetic rotary sensor) typically manufactured by companies like **Midori Precisions**. It is designed for high-reliability position sensing in industrial and medical applications.
---
### 1. General Specifications
This component is part of a series known for non-contact or high-durability sensing. Below is a breakdown of its technical profile:
| Feature | Specification Details |
| :--- | :--- |
| **Technology** | Magnetic (Hall Effect) or Conductive Plastic |
| **Mechanical Travel** | 360° (Continuous rotation) |
| **Output Type** | 4-Wire Configuration (Ratio-metric or Voltage) |
| **Housing Material** | Aluminum or High-grade Plastic |
| **Mounting** | Servo Mount or Bushing Mount (depending on suffix) |
---
### 2. Breakdown of the Model Name
While specific manufacturer codes vary slightly, the nomenclature generally breaks down as follows:
* **M2MS**: The series designation (often indicating a compact, multi-turn or high-precision magnetic sensor).
* **4W**: Indicates a **4-Wire** electrical connection. This usually provides separate lines for Power (Vcc), Ground (GND), and differential or dual-signal outputs for redundancy.
* **R2**: Refers to the **Resistance** or **Resolution** characteristic. In many Midori models, this indicates a specific output slope or linearity adjustment.
* **K**: Typically represents the **Resistance Tolerance** (e.g., ±10%) or a specific mechanical shaft tolerance.
---
### 3. Electrical Characteristics
The device is engineered to convert mechanical rotation into a precise electrical signal.
* **Supply Voltage:** Usually operates on 5V DC (Ratio-metric).
* **Linearity:** High precision, often with an independent linearity of ±0.5% to ±2%.
* **Life Cycle:** Because many versions of the M2MS series are non-contact (magnetic), they offer a virtually infinite mechanical life (up to 50-100 million cycles) compared to traditional wire-wound potentiometers.
---
### 4. Typical Applications
Due to its robust build and 4-wire accuracy, it is commonly found in:
1. **Medical Equipment:** Precision control in surgical robots or imaging beds.
2. **Industrial Automation:** Valve position feedback and actuator control.
3. **Aerospace:** Control surface feedback where dual-output (redundancy) is required.
---
### 5. Wiring Diagram (Generic 4-Wire)
```yaml
Wire 1: +Vcc (Input Voltage)
Wire 2: Output Signal (A)
Wire 3: Ground (GND)
Wire 4: Reference / Output Signal (B) or Shield
```
---
- ⤷What is the exact resistance value for the R2 variant?
- ⤷ How does the non-contact magnetic version differ from the conductive plastic version?
- ⤷ Can this sensor be used in high-vibration environments?