công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2MS-3-R2

  • AI
    The **M2MS-3-R2** is a specific electronic component often categorized under industrial control interfaces, specifically within the realm of **signal conditioners** or **interface modules**. Below is a detailed breakdown of its technical aspects and components. --- ### 1. Overview and Function The M2MS-3-R2 is a high-performance **Signal Conditioner** (typically manufactured by M-System). Its primary role is to accept a standard DC input signal and provide a proportional, isolated DC output signal. ### 2. Technical Specifications The "R2" suffix usually denotes a specific power input and signal configuration. | Parameter | Specification (Typical) | | :--- | :--- | | **Model Series** | M2MS (Mini-M Series) | | **Input Signal** | DC Current or Voltage (Standard: 4–20mA, 1–5V, etc.) | | **Output Signal** | DC Current or Voltage (Dual outputs often available) | | **Power Input (R2)** | 11–27V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Response Time** | $\leq$ 0.5 seconds (standard) | --- ### 3. Key Electronic Sub-systems #### A. Isolation Barrier One of the most critical parts of the M2MS-3-R2 is its **galvanic isolation**. This is achieved using: * **Optocouplers:** To transfer the signal light-wise, preventing electrical surges from traveling between the field sensors and the PLC/Controller. * **Transformers:** Used in the DC/DC converter section to isolate the power supply. #### B. Signal Processing Circuitry * **Operational Amplifiers (Op-Amps):** Used for precision scaling and buffering of the input signal. * **Zero/Span Adjustments:** Usually accessible via the front panel, these allow the user to calibrate the electronic offset and gain using small potentiometers. #### C. Power Management * **DC/DC Converter:** Because it is an "R2" (DC powered) model, it includes internal switching regulators to step down and stabilize the 24V DC input for the internal logic. --- ### 4. Typical Application Circuit When wiring the M2MS-3-R2, the electronic pins are generally assigned as follows: ```mermaid graph LR A[Field Sensor] -->|4-20mA| B(Input Pins) B --> C{M2MS-3-R2} C --> D(Output Pins) D -->|1-5V DC| E[PLC / DCS] F[24V DC Supply] --> C ``` --- ### 5. Features and Benefits 1. **Noise Suppression:** Filters out electromagnetic interference (EMI) from the field wiring. 2. **Impedance Matching:** Converts high-impedance voltage signals into low-impedance current loops. 3. **Space Efficiency:** The "Mini-M" housing is designed for high-density installation on DIN rails.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin assignments for the M2MS-3-R2 wiring?
    • ⤷ Can the output signal type be changed via internal jumpers?
    • ⤷ What is the dielectric strength rating for the 3-way isolation?