M2MS-1-R/X1
AI

The **M2MS-1-R/X1** is a specialized electronic component, typically categorized as a **Micro-Miniature Magnetic Reed Switch** or a specific connector assembly depending on the manufacturer (most commonly associated with high-reliability reed sensing technology).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M2MS" series is generally designed for high-density applications where space is limited but high reliability is required.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Magnetic Reed Switch / Sensor |
| **Contact Form** | Form A (Normally Open) |
| **Switching Voltage** | Max 100 - 200V DC (application dependent) |
| **Switching Current** | Max 0.25A - 0.5A |
| **Contact Rating** | 10W / 10VA |
| **Lead Configuration** | Surface Mount (SMD) or Axial (depending on "R" suffix) |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **M2MS**: Series designation (Micro-Miniature Sensor).
* **-1**: Sensitivity range or size identifier (usually indicates a specific AT/Ampere-Turn range).
* **-R**: Often indicates **RoHS Compliant** or **Tape & Reel** packaging for automated assembly.
* **X1**: Specific variation code (may refer to lead length, specialized plating, or custom sensitivity tolerances).
---
### 3. Key Electronic Characteristics
#### A. Magnetic Sensitivity (AT Range)
The device operates based on a specific **Ampere-Turn (AT)** pull-in range. This determines how strong a magnetic field is required to close the contact. The "-1" usually denotes the most sensitive tier.
#### B. Hermetic Sealing
The internal contacts are sealed in a glass envelope with an inert gas.
* **Benefit:** This prevents oxidation and allows the part to be used in hazardous or corrosive environments without affecting electrical performance.
#### C. Contact Resistance
These parts feature very low initial contact resistance (typically **<150 mΩ**), ensuring minimal signal loss in low-voltage sensing circuits.
---
### 4. Typical Applications
Due to its small footprint and passive operation, it is frequently used in:
1. **Mobile Devices:** Detecting flip-cover positions or screen orientation.
2. **Medical Equipment:** Non-contact switching in sterile environments.
3. **Industrial Security:** Window/door sensors and tamper-evident switches.
4. **Automotive:** Liquid level sensing and seatbelt buckle detection.
---
### 5. Installation Precautions
```cpp
// Cautionary note for PCB Design:
// 1. Avoid mechanical stress on the glass-to-metal seal.
// 2. Keep away from high-current inductors to prevent EMI interference.
// 3. Ensure the magnet alignment matches the long axis of the switch.
```
- ⤷
What is the exact Ampere-Turn (AT) sensitivity range for the X1 variant?
- ⤷ Does this part require a specific footprint for SMD soldering?
- ⤷ What are the alternatives to M2MS-1-R/X1 for higher voltage applications?