M2MS-0-R2/K
AI

The **M2MS-0-R2/K** is a specialized high-speed connector assembly typically used in telecommunications, data centers, and industrial automation. It belongs to the **M2MS series**, which is designed for mezzanine-style board-to-board connections.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Mezzanine Connector (Surface Mount) |
| **Pitch** | 0.5mm to 0.8mm (typical for M2MS series) |
| **Orientation** | Vertical / Straight |
| **Plating** | Gold (R2 indicates high-durability plating) |
| **Termination** | SMT (Surface Mount Technology) |
| **Material** | High-temperature LCP (Liquid Crystal Polymer) |
---
### 2. Breakdown of the Part Number
While specific manufacturer prefixes can vary (such as I-PEX or similar high-speed brands), the suffix logic generally follows this structure:
* **M2MS**: The series designation, indicating a Mezzanine Male/Plug or Socket system designed for high-density layouts.
* **-0-**: Often indicates the height code (e.g., 0mm offset or standard stack height).
* **R2**: Refers to the **Reel Packaging** or a specific **Revision 2** of the contact plating (often 10-15 micro-inches of gold).
* **K**: Indicates **Kapton Tape** or a vacuum pick-and-place cap for automated assembly.
---
### 3. Electronic Characteristics
* **Signal Integrity:** Designed for high-speed differential pairs (PCIe Gen 4/5 or 10Gbps+ Ethernet standards).
* **Contact Resistance:** Extremely low (typically < 30mΩ) to ensure minimal signal loss across the board-to-board interface.
* **Current Rating:** Usually rated for 0.5A to 1.0A per pin, making it suitable for signal transmission rather than high-power delivery.
* **Shielding:** The "K" or "R2" variants often include metallic shielding shells to minimize Electromagnetic Interference (EMI) in compact electronic housings.
---
### 4. Common Applications
1. **Optical Modules:** Used inside SFP/QSFP transceivers to connect internal PCBs.
2. **Mobile Devices:** High-density connections in tablets or ruggedized handhelds.
3. **Embedded Systems:** Connecting "System on Modules" (SoM) to carrier boards.
- ⤷
What is the exact stack height for the M2MS-0-R2/K when mated?
- ⤷ Is this connector compatible with PCIe Gen 5 signaling standards?
- ⤷ Which manufacturer produces the M2MS series?