công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2MNV-23-R2

  • AI
    Based on the technical nomenclature and design standards, the **M2MNV-23-R2** generally refers to a specific revision of an **M.2 (NGFF) to Mini PCIe adapter with a SIM slot**, often used in industrial networking and IoT applications. Below is an explanation of the electronic components and architecture typically found on this module. --- ### 1. Key Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **M.2 Key-B Slot** | Interface | Accepts 4G LTE or 5G modules (sizes like 3042 or 3052). | | **Mini PCIe Connector** | Interface | Gold-finger edge connector that plugs into the host motherboard. | | **SIM Card Slot** | Connectivity | Usually a Nano or Micro SIM slot linked to the M.2 pins for cellular ID. | | **Voltage Regulator** | Power Management | Steps down or stabilizes the 3.3V rail from the Mini PCIe bus. | | **Decoupling Capacitors** | Signal Integrity | Filters high-frequency noise to ensure stable data transmission. | | **LED Indicators** | Status | Usually indicates Power (PWR) and Network/WWAN status. | --- ### 2. Physical and Electrical Architecture The M2MNV-23-R2 acts as a **passive/semi-active bridge**. It does not typically convert protocols (e.g., it doesn't turn PCIe into USB), but rather reroutes the physical pins so that an M.2 card can communicate via the Mini PCIe footprint. #### Signal Mapping * **USB 2.0/3.0 Signals:** Most 4G/5G modules communicate via the USB bus pins present on both the M.2 and Mini PCIe interfaces. * **SIM Interface:** The adapter routes the `UIM_DATA`, `UIM_CLK`, `UIM_RESET`, and `UIM_VPP` pins from the SIM card holder directly to the M.2 slot pins. * **Power Rails:** The M.2 standard requires a stable 3.3V. The "R2" (Revision 2) often features improved copper traces to handle the higher current spikes required by 5G modules (up to 3A). --- ### 3. Technical Specifications (Typical) ```yaml Product_Code: M2MNV-23-R2 Interface_Host: Mini PCI-Express Interface_Device: M.2 Key B (WWAN/IPIC) Supported_Sizes: 2230, 2242, 3042, 3052 SIM_Support: Yes (Integrated Slot) Operating_Voltage: 3.3V DC ``` ### 4. Common Use Cases 1. **Industrial PCs:** Upgrading an older motherboard with a Mini PCIe slot to support modern 5G M.2 modules. 2. **Embedded Systems:** Adding cellular connectivity to gateways that lack native M.2 support. 3. **Testing:** Rapid prototyping of WWAN modules without needing a native M.2 host. ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter support NVMe SSDs or only WWAN modules?
    • ⤷ What are the specific power requirements for a 5G module using this adapter?
    • ⤷ How does the SIM slot wiring differ between Revision 1 and Revision 2?