công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2DYH2-24A-R2

  • AI
    The **M2DYH2-24A-R2** is a specialized electronic component typically associated with high-precision motion control systems, often identified as a **Hybrid Stepper Motor** or a motor-driver assembly manufactured by companies like *Moons' Industries*. --- ### ## Technical Specifications Below are the primary electronic and physical characteristics typical for this specific model: | Feature | Specification | | :--- | :--- | | **Type** | Hybrid Stepper Motor | | **Step Angle** | 1.8° (200 Steps per revolution) | | **Voltage Rating** | 24V DC (Optimized) | | **Phases** | 2-Phase | | **Shaft Configuration** | Single or Double (depending on "R2" suffix) | | **Frame Size** | NEMA Standard (Usually NEMA 17 or 23 depending on series) | --- ### ## Electronic Components & Internal Working The "M2DYH2" series utilizes a hybrid construction combining permanent magnets and electromagnet coils. Here is the breakdown of its internal electronic makeup: 1. **Stator Windings:** * Consists of multiple copper coils arranged in two phases. * The **24A** designation often refers to the current rating or the optimized voltage drive compatibility (24V). 2. **Rotor (Permanent Magnet):** * Features a magnetized "toothed" rotor that aligns with the magnetic fields generated by the stator. 3. **Lead Wires:** * Usually features 4 wires (Bipolar) or 6 wires (Unipolar). The **-R2** suffix often indicates a specific connector type or a modification in the wiring harness/resistance. --- ### ## Connection Diagram (Standard 4-Wire Bipolar) When connecting this part to a driver (such as a TB6600 or A4988), the electronic phases are generally organized as follows: | Pin/Color | Function | Phase | | :--- | :--- | :--- | | Black | A+ | Phase A | | Green | A- | Phase A | | Red | B+ | Phase B | | Blue | B- | Phase B | --- ### ## Key Applications * **3D Printing:** Used in extruders or axis movement due to high torque at low speeds. * **CNC Machinery:** Provides precise positioning for milling and cutting. * **Medical Equipment:** Used in peristaltic pumps and automated laboratory feeders.
    ✨ Follow-up Questions
    • ⤷ What is the maximum holding torque for the M2DYH2-24A-R2 model?
    • ⤷ Which stepper motor driver is recommended for a 24V DC setup?
    • ⤷ How does the 'R2' suffix change the wiring compared to the base model?