công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2DL-24-R/Q

  • AI
    ### M2DL-24-R/Q Electronic Component Overview The **M2DL-24-R/Q** is a specific part number associated with **Industrial Indicator Lamps** (often manufactured by companies like Menics or Autonics). These are designed for panel mounting to provide visual status feedback in control circuits. --- ### Technical Specifications The alphanumeric code provides specific information about the electrical and physical characteristics of the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M2DL | 22mm Diameter Dome-type LED Indicator | | **Voltage** | 24V | Operating voltage (AC/DC) | | **Color (R)** | Red | High-intensity Red LED | | **Termination (Q)** | Quick Connect / Plug-in | Fast-on terminals or specific connector type | | **Mounting Hole** | 22mm | Standard industrial cutout size | --- ### Key Electronic Components The internal construction of the M2DL-24-R/Q consists of several critical electronic elements: 1. **LED Die (Light Emitting Diode):** * Unlike traditional incandescent bulbs, this uses a solid-state LED. * **Benefit:** Extremely long lifespan (approx. 50,000+ hours) and low power consumption. 2. **Current-Limiting Resistor:** * Integrated into the housing to allow the LED to operate directly at **24V**. * It prevents excessive current from burning out the semiconductor material. 3. **Rectification Circuitry:** * Usually contains a bridge rectifier or a protective diode. * This allows the unit to function regardless of polarity (Bi-polar) and supports both **24V AC and 24V DC** inputs. 4. **Housing & Optics:** * **Lens:** Often made of polycarbonate with light-diffusing properties to ensure 180-degree visibility. * **Ingress Protection:** Typically rated at **IP65**, protecting the internal electronics from dust and water splashes. --- ### Usage and Implementation These parts are commonly found in PLC (Programmable Logic Controller) outputs to signify machine states: ```markdown Example Wiring Logic: [24V DC Source] ---- [PLC Output Card] ---- [M2DL-24-R/Q (+)] [M2DL-24-R/Q (-)] ---- [Common/0V] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative color codes for this series?
    • ⤷ Can this indicator be used with 110V AC using a converter?
    • ⤷ What is the difference between the 'Q' terminal and standard screw terminals?