M2CEC-26001-R
AI

The **M2CEC-26001-R** is a specific part number typically associated with high-density interconnect solutions, specifically belonging to the **M2CEC series** by manufacturers like **Yamaichi Electronics**.
These are primarily used as **SO-DIMM type connectors** for mounting System-on-Modules (SoM) or computer-on-modules (CoM), such as those used with Raspberry Pi Compute Modules or industrial embedded boards.
---
### 1. Key Technical Specifications
The following table outlines the general electronic and mechanical characteristics of the M2CEC-26001-R series:
| Feature | Specification |
| :--- | :--- |
| **Pin Count** | 260 Pins |
| **Pitch** | 0.50 mm |
| **Connector Type** | Right Angle / Horizontal SMT |
| **Voltage Rating** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
| **Contact Resistance** | 50 mΩ max |
| **Insulation Resistance** | 100 MΩ min |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Major Electronic Components & Materials
The construction of this part involves several high-performance materials to ensure signal integrity:
1. **Contact Base:** Usually a Copper Alloy, chosen for its balance of electrical conductivity and mechanical spring tension.
2. **Plating:**
* **Contact Area:** Gold plating (to prevent oxidation and ensure low resistance over many mating cycles).
* **Solder Area:** Tin or Gold flash (to facilitate easy Surface Mount Technology (SMT) soldering).
3. **Insulator Body:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to withstand the heat of **Lead-Free Reflow Soldering** profiles.
4. **Hardware:** Metal tabs (Stay-downs) are integrated into the sides to provide mechanical strain relief to the PCB solder joints.
---
### 3. Application Use Cases
The M2CEC-26001-R is designed for high-speed differential signaling. It is commonly found in:
* **Embedded Computing:** Carrying PCIe, HDMI, and USB signals from a module to a carrier board.
* **DDR4 SDRAM Interface:** Since it uses the 260-pin standard, it is physically compatible with DDR4 SO-DIMM layouts.
* **Networking Gear:** Used in routers or switches where a modular processor board is required for easy upgrades.
---
### 4. Footprint Example (Generic SMT)
While specific footprints depend on the CAD library, the general SMT layout follows this logic:
```c
/* Representation of the 0.5mm Pitch SMT Pads */
[ Pad 1 ] [ Pad 3 ] [ Pad 5 ] ... [ Pad 259 ]
---------------------------------------------
(Plastic Housing / Alignment Pegs)
---------------------------------------------
[ Pad 2 ] [ Pad 4 ] [ Pad 6 ] ... [ Pad 260 ]
```
- ⤷
Is the M2CEC-26001-R compatible with the Raspberry Pi Compute Module 4?
- ⤷ What are the specific soldering temperature requirements for this LCP housing?
- ⤷ Does this connector support DDR5 specifications or is it limited to DDR4?