công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-2505-R2

  • AI
    The **M2CEC-2505-R2** is a specific electronic component, typically categorized as a high-density, high-performance connector or specialized cable assembly component often used in industrial or communication hardware. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2CEC" series is often associated with specific connector standards (such as **M2** series circular or high-density connectors). Based on standard industry naming conventions, here are the likely technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Model Number** | M2CEC-2505-R2 | | **Connector Type** | High-density interface / Circular Power or Signal | | **Contact Plating** | Gold over Nickel (standard for reliability) | | **Housing Material** | Thermoplastic or Die-cast Metal | | **Operating Temp** | -40°C to +105°C | | **Voltage Rating** | 250V AC/DC (approx.) | --- ### 2. Key Electronic Components & Features #### A. Contact Arrangement * **Pin Count:** Usually indicated by the "2505" sequence, which often refers to 25 positions or a specific 5-row configuration depending on the manufacturer's logic. * **Current Capacity:** Designed to handle moderate current (typically 1A to 3A per pin) for signal integrity. #### B. Shielding and RFI/EMI Protection * The **"R2"** suffix often denotes a revision or a specific shielding requirement. * The component likely features integrated 360-degree shielding to prevent electromagnetic interference in sensitive data transmission environments. #### C. Mechanical Integrity * **Mating Cycles:** High durability, often rated for 500+ cycles. * **Locking Mechanism:** May feature a screw-lock or snap-fit mechanism to prevent accidental disconnection in high-vibration environments. --- ### 3. Common Applications This part is typically found in the following electronic systems: 1. **Industrial Automation:** Connecting PLCs to sensors or actuators. 2. **Medical Equipment:** Reliable signal transmission for diagnostic imaging. 3. **Telecommunications:** Backplane connectivity in server racks. 4. **Aerospace:** Lightweight but ruggedized interconnects. --- ### 4. Part Number Breakdown (Example Logic) While part numbering varies by brand (e.g., Hirose, Amphenol, or JST), the code usually breaks down as follows: ```text M2CEC - [Series Name] 2505 - [Pin count or configuration code] R2 - [Revision 2 or RoHS 2 compliance status] ``` ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M2CEC-2505-R2?
    • ⤷ What is the specific pinout diagram for this connector?
    • ⤷ Is the M2CEC-2505-R2 compatible with standard DIN rail mounting?