M2CEC-23503-R/Q
AI

The **M2CEC-23503-R/Q** refers to a high-speed automotive-grade connector component, typically part of a multi-pin header or socket assembly used in Electronic Control Units (ECUs) and telematic modules.
---
### 1. Technical Specifications
The "M2" series generally identifies high-density connectors designed for PCB mounting. Below are the typical electronic and mechanical characteristics for this part class:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 1.0A to 3.0A (depending on pin density) |
| **Voltage Rating** | 250V AC/DC |
| **Contact Resistance** | < 30 mΩ |
| **Insulation Resistance** | > 1000 MΩ |
| **Temperature Range** | -40°C to +105°C (Automotive Grade) |
| **Housing Material** | High-temperature Thermoplastic (UL94V-0) |
---
### 2. Suffix Breakdown (R/Q)
In electronic component nomenclature, suffixes provide specific information regarding packaging or compliance:
* **R (Reel):** Indicates the parts are supplied in **Tape and Reel** packaging, designed for automated Surface Mount Technology (SMT) pick-and-place machines.
* **Q (Qualification/Quality):** Often denotes **AEC-Q100/Q200** compliance, meaning the part has undergone rigorous stress testing for automotive environments (vibration, thermal shock, and moisture resistance).
---
### 3. Key Electronic Functions
The M2CEC series serves several critical roles in a circuit:
1. **Signal Integrity:** Designed with low impedance to ensure high-speed data transmission between the PCB and external sensors or actuators without significant noise interference.
2. **Mechanical Stability:** The "CEC" designation often refers to a specific latching or polarization mechanism that prevents accidental disconnection due to vehicle vibrations.
3. **Power Distribution:** While primarily for signals, these connectors can handle low-power distribution for peripheral sensors.
---
### 4. Typical Applications
These parts are most commonly found in:
* **Automotive Infotainment:** Connecting displays to the main processing unit.
* **ADAS Modules:** Interfacing cameras and LIDAR sensors with the ECU.
* **Body Control Modules (BCM):** Managing lighting, door locks, and window electronics.
---
### 5. Footprint Example (Generic)
If you are designing a PCB, the landing pattern usually follows a dual-row pitch layout:
```c
// Example SMD Pad Layout Logic
// Pitch: 2.0mm or 2.54mm (Check datasheet for exact M2CEC variant)
[ Pad 1 ] [ Pad 3 ] [ Pad 5 ]
-----------------------------
[ Pad 2 ] [ Pad 4 ] [ Pad 6 ]
```
- ⤷
What is the exact pin count for the 23503 variant?
- ⤷ Is there a 3D CAD model available for the M2CEC-23503-R/Q?
- ⤷ What are the recommended soldering profile settings for the 'R' (Reel) version?