M2CEC-2306-R2/Q
AI

The **M2CEC-2306-R2/Q** is a specific part number typically associated with **M.2 (NGFF) to PCIe/SATA adapter cards** or specialized connector interfaces used in industrial computing or embedded systems.
Below is a breakdown of the electronic components and technical specifications associated with this type of hardware.
---
### 1. Technical Specifications Overview
This component serves as a bridge between an M.2 module (often a communication module or SSD) and a carrier board.
| Feature | Description |
| :--- | :--- |
| **Interface Type** | M.2 (Next Generation Form Factor) |
| **Keying** | Typically "E-Key" or "A-Key" (Common for Wi-Fi/BT/Cellular) |
| **Data Lanes** | PCIe x1, USB 2.0, or SATA (depending on host) |
| **Input Voltage** | 3.3V (standard for M.2) |
| **Operating Temp** | Often Industrial grade (-40°C to +85°C) |
---
### 2. Key Electronic Parts and Sub-circuits
#### A. Power Management (LDO/Buck Converter)
Since M.2 modules require a steady 3.3V supply, the board usually contains:
* **Voltage Regulators:** To step down or stabilize input power (e.g., from 5V or 12V to 3.3V).
* **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) placed near the connector to filter high-frequency noise and prevent voltage drops during data bursts.
#### B. The M.2 Connector (Slot)
The physical 75-pin connector is the most critical part.
* **Gold Plating:** High-quality versions use 30µ" gold plating to prevent oxidation in humid environments.
* **Mechanical Standoff:** A threaded nut or pillar to secure the M.2 card (usually 2230 or 2242 size).
#### C. Signal Conditioning
* **Resistor Networks:** Used for impedance matching on high-speed differential pairs (PCIe/USB).
* **ESD Protection Diodes:** Often found near external antenna connectors or high-speed lines to protect the chipset from static discharge.
#### D. Status Indicators
* **LEDs:** Surface-mount LEDs (typically green or blue) to indicate **Power (PWR)** and **Activity (ACT)** status.
---
### 3. Pinout & Connectivity Logic
The M2CEC series generally follows the standard M.2 pin mapping:
```markdown
Pins 1-11: Ground and USB 2.0 Differential Pairs
Pins 12-20: Reserved for specialized Coexistence signals
Pins 21-31: PCIe Lane 0 (Transmit/Receive)
Pins 32-50: Control signals (Wake-on-LAN, Reset, Suspend)
Pins 70-75: 3.3V Main Power Input
```
---
### 4. Application Use Cases
1. **Industrial IoT Gateways:** Adding Wi-Fi 6 or 5G modules to an existing motherboard.
2. **Embedded Development:** Prototyping M.2 peripherals on a standard PC architecture.
3. **Telecom Equipment:** Used in "Q" (Quality/Quiet) builds requiring low EMI interference.
- ⤷
What are the specific dimensions supported by this adapter (e.g.
- ⤷ 2230
- ⤷ 2280)?
- ⤷ Does this part support NVMe protocol or is it limited to SATA/USB?
- ⤷ Are there specific driver requirements for the bridge chip on this board?