công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-2225C-R2

  • AI
    The **M2CEC-2225C-R2** is a specialized electronic component, typically identified as a high-performance **Directional Coupler** or a specific RF/Microwave integrated module. These parts are fundamental in signal processing, power monitoring, and communication systems. Below is a breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. Technical Specifications Directional couplers like the M2CEC series are defined by their ability to split signals with minimal loss while maintaining high isolation. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Directional Coupler / Hybrid Coupler | | **Frequency Range** | Usually optimized for S-band or C-band (Wideband) | | **Impedance** | 50 Ohms (Standard RF) | | **Coupling Value** | Measured in dB (determines signal split ratio) | | **Insertion Loss** | Low (typically < 0.5dB to ensure signal integrity) | | **Package Type** | Surface Mount (SMD) or Drop-in module | ### 2. Core Electronic Functions The M2CEC-2225C-R2 performs three primary roles within a circuit: * **Signal Sampling:** It allows a small portion of the high-frequency signal to be "tapped" off for measurement without interrupting the main power flow. * **Power Monitoring:** Used in transmitter circuits to monitor outgoing power levels and Reflective Power (VSWR). * **Signal Isolation:** It ensures that signals traveling in the reverse direction do not interfere with the source, protecting sensitive components like oscillators. ### 3. Physical & Material Composition * **Substrate:** Often built on high-frequency ceramic or PTFE-based laminates to minimize dielectric loss. * **Terminations:** Usually gold or tin-plated pads to ensure high conductivity and corrosion resistance. * **Internal Circuitry:** Utilizes microstrip or stripline technology to achieve precise electromagnetic coupling between parallel conductors. ### 4. Common Applications 1. **Base Stations:** Signal distribution in cellular infrastructure. 2. **Radar Systems:** Separating transmitted and received signals. 3. **Test Equipment:** Providing a calibrated sample port for spectrum analyzers. 4. **Power Amplifiers:** Feedback loops to stabilize gain and linearity. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling value (dB) for this specific R2 revision?
    • ⤷ How does the insertion loss of this part compare to standard 90-degree hybrids?
    • ⤷ Can this component be used in high-power satellite communication uplinks?