công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-21751-R/Q

  • AI
    The **M2CEC-21751-R/Q** refers to a high-density, automotive-grade connector solution, typically associated with the **Molex CMC (Compact Modular Connector)** family. These parts are specifically engineered for heavy-duty applications, such as Engine Control Units (ECUs) and powertrain modules. --- ### 1. General Specifications The M2CEC-21751 series is part of a modular connection system designed for high-vibration and high-temperature environments. | Feature | Specification | | :--- | :--- | | **Housing Material** | High-temperature Thermoplastic (PA66/PBT) | | **Current Rating** | Up to 6.0A (depending on terminal size) | | **Operating Temperature** | -40°C to +125°C | | **Sealing Rating** | IP6K7, IP6K9K (Waterproof/Dustproof) | | **Locking Mechanism** | Lever-actuated (Mat-sealed) | --- ### 2. Key Electronic Components & Features #### A. Hybrid Terminal System The connector is "hybrid," meaning it supports multiple terminal sizes within a single housing to handle both signal and power: * **0.635mm Terminals:** Used for low-current data signals and sensors. * **1.50mm Terminals:** Used for medium-current power distribution. #### B. Sealed Interface The "R/Q" designation often refers to specific revisions or packaging variants that include a **Mat Seal**. This is a single silicone block that seals all wires simultaneously as they enter the connector, preventing moisture ingress into the electronic housing. #### C. Connector Position Assurance (CPA) These parts feature a secondary locking mechanism (CPA) that ensures the connector is fully mated and cannot be accidentally disconnected due to engine vibration. --- ### 3. Pinout and Layout Structure While specific pinouts depend on the ECU manufacturer, the internal architecture generally follows this logic: ```markdown [ Outer Shell (Lever) ] | [ TPA - Terminal Position Assurance ] | [ Signal Pins (Rows 1-3) ] -> Low Voltage/Sensor Data | [ Power Pins (Row 4) ] -> Battery/Ground/Actuators ``` --- ### 4. Typical Applications * **Powertrain Control:** Transmission Control Units (TCU) and ECUs. * **Body Electronics:** Lighting controllers and door modules. * **Industrial:** Hydraulic control systems in heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminals for the M2CEC series?
    • ⤷ How does the lever-lock mechanism improve connection reliability in automotive settings?
    • ⤷ Are there specific mounting headers available for PCB integration?