M2CEC-215F-R/Q
AI

The **M2CEC-215F-R/Q** refers to a high-performance Industrial Panel PC, typically manufactured by Maxtang. This device is designed for industrial automation, human-machine interface (HMI), and IoT gateway applications.
Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Core Processing Unit
At the heart of the M2CEC-215F is an embedded processor designed for reliability and low power consumption.
| Component | Specification Details |
| :--- | :--- |
| **CPU Options** | Intel® Celeron® J6412 (Elkhart Lake) or similar low-power SoC. |
| **Architecture** | Quad-core, fanless design for silent and durable operation. |
| **TDP** | Typically 10W, allowing for operation in enclosed spaces without overheating. |
---
### 2. Display and Touch Interface
The "-215F" suffix indicates a **21.5-inch Full HD** display. The "R/Q" suffix usually denotes the specific touch technology or regional SKU.
* **Panel Type:** LED Backlight, 1920 x 1080 resolution.
* **Touch Controller:**
* **Projected Capacitive (PCAP):** Multi-touch support, usually covered with chemically strengthened glass.
* **Resistive (Optional):** Used in environments where operators wear heavy gloves.
* **Brightness:** Standard 250–350 nits (High-brightness versions available for sunlight readability).
---
### 3. Connectivity and I/O Interface
The motherboard integrated into the chassis provides a variety of industrial-grade ports:
| Interface Type | Quantity/Standard | Purpose |
| :--- | :--- | :--- |
| **Ethernet** | 2x RJ45 (Intel i211/i210) | Dual Gigabit LAN for network redundancy. |
| **Serial Ports** | 2x to 4x COM (RS232/422/485) | Connecting to PLCs and legacy sensors. |
| **USB** | 4x USB 3.0 / 2.0 | High-speed data transfer and peripherals. |
| **Video Out** | 1x HDMI / DP | Supporting secondary independent displays. |
---
### 4. Memory and Storage
* **RAM:** 1x DDR4 SO-DIMM slot, supporting up to 32GB 3200MHz.
* **Storage:**
* 1x M.2 (2242/2280) SATA/NVMe slot.
* 1x 2.5" SATA III HDD/SSD bay for high-capacity storage.
---
### 5. Electrical Power & Environmental
The internal power circuitry is designed to handle the "dirty" power often found in industrial settings.
* **Power Input:** Wide range DC input (typically 12V to 24V DC).
* **Protection:** Over-voltage and over-current protection.
* **Construction:** Aluminum alloy heat-sink chassis (Fanless) and IP65-rated front bezel for water and dust resistance.
---
- ⤷
What is the difference between the 'R' and 'Q' suffixes for this specific model?
- ⤷ Does this model support Windows 11 and Linux distributions?
- ⤷ Is the 21.5-inch screen sunlight-readable?