M2CEC-2155-R/Q
AI

The **M2CEC-2155-R/Q** is a specialized high-performance industrial touch monitor manufactured by **Maxtang** (often part of their Rugged/Industrial series). It is designed for human-machine interface (HMI) applications in harsh environments.
---
### 1. General Specifications
The device is a 21.5-inch widescreen industrial monitor. The "R/Q" suffix usually denotes specific variations in touch technology (Resistive vs. Capacitive) or specific I/O configurations.
| Feature | Specification |
| :--- | :--- |
| **Display Size** | 21.5-inch LED Backlight |
| **Resolution** | 1920 x 1080 (Full HD) |
| **Aspect Ratio** | 16:9 |
| **Luminance** | 250 - 350 cd/m² (Standard) |
| **IP Rating** | Typically IP65 Front Panel (Water/Dust proof) |
---
### 2. Electronic Components & Internal Layout
The internal electronics are categorized into three main subsystems:
#### A. The AD Board (Analog-to-Digital Controller)
This is the "brain" of the monitor. It converts incoming video signals into a format the LCD panel can display.
* **Scalers:** Integrated chips that handle resolution scaling and image processing.
* **OSD Controller:** Buttons or software controls for brightness, contrast, and color temperature.
* **Video Inputs:** Usually includes HDMI, VGA, and DVI-D ports.
#### B. Touch Screen Controller
Depending on whether the model is **R** (Resistive) or **Q/C** (Capacitive):
* **Capacitive (PCAP):** Uses a controller (often via USB) that detects electrical charges from a human finger. Supports multi-touch.
* **Resistive:** Uses a pressure-sensitive overlay. The controller translates physical pressure into X/Y coordinates via a 4-wire or 5-wire interface.
#### C. Power Management System
* **Input Voltage:** Designed for industrial stability, usually supporting **12V - 24V DC** input.
* **Inverter/LED Driver:** Converts DC power to the specific voltage required to light the LED backlight strips behind the LCD.
---
### 3. Key Electronic Features
1. **Anti-Interference Design:** The internal circuitry includes EMI (Electromagnetic Interference) shielding to prevent the screen from flickering near heavy industrial machinery.
2. **Wide Temperature Components:** Capacitors and resistors used in these units are rated for higher temperature ranges (typically -10°C to 60°C) compared to consumer monitors.
3. **Watchdog Timer (Optional):** Some industrial boards include a timer to reset the display controller if it freezes.
---
### 4. Comparison of "R" vs "Q" Variants
| Aspect | **M2CEC-2155-R** | **M2CEC-2155-Q (Capacitive)** |
| :--- | :--- | :--- |
| **Touch Tech** | Resistive (Pressure) | Projective Capacitive (Electrical) |
| **Input Method** | Stylus, Gloves, Fingertip | Bare finger, Thin surgical gloves |
| **Durability** | High (Scratch resistant) | Very High (Glass front) |
| **Multi-touch** | Single Touch | Multi-touch (10 points) |
- ⤷
What is the exact power consumption of the M2CEC-2155 under full load?
- ⤷ Does this model support mounting options like VESA or Panel Mount?
- ⤷ Can the touch controller be interfaced via RS232 instead of USB?