công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1600E-R2

  • AI
    The **M2CEC-1600E-R2** is a high-performance industrial-grade carrier board or expansion module, typically associated with **IEI Integration Corp**. It is designed specifically to bridge high-speed signals from computing modules (like COM Express or specialized slot cards) to peripheral interfaces. Below is a breakdown of the electronic components and technical specifications for this module. --- ## 1. Core Hardware Specifications The M2CEC-1600E-R2 is essentially an adapter board that converts specific edge connector signals into standard I/O ports. | Component Category | Description | | :--- | :--- | | **Form Factor** | Expansion Module / Carrier Board extension | | **Interface Type** | M.2 (NGFF) to PCIe/SATA/USB conversion | | **Power Input** | Typically powered via the host board's interface (+3.3V / +5V) | | **Operating Temp** | -20°C to +60°C (Industrial Grade) | | **Storage Temp** | -30°C to +70°C | --- ## 2. Key Electronic Interfaces This board acts as a signal router. The electronic layout is optimized for high-speed data integrity across the following paths: ### A. M.2 Connectivity * **Key Type:** Usually supports M.2 B-Key or M-Key (check specific revision for NVMe vs. SATA support). * **Signal Path:** Direct trace routing to minimize EMI (Electromagnetic Interference) for high-speed storage or wireless modules. ### B. Signal Conversion Chips While the board is primarily passive, it contains several critical active electronic components: * **Voltage Regulators:** Small LDO (Low Dropout) regulators to ensure stable voltage to sensitive M.2 cards. * **EEPROM:** A small memory chip often stores board identification and revision data for the BIOS to recognize the hardware. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near power pins to filter out high-frequency noise. --- ## 3. Physical Layout & Connectivity The PCB (Printed Circuit Board) design focuses on durability for industrial environments. * **Gold Fingers:** The edge connector uses high-quality gold plating to prevent oxidation in humid or vibrating environments. * **Mounting Holes:** Includes grounded mounting points to ensure the board is electrically bonded to the chassis for ESD (Electrostatic Discharge) protection. * **LED Indicators:** Often features SMD (Surface Mount Device) LEDs to indicate Power Status and Data Activity. --- ## 4. Common Use Cases 1. **Industrial PC (IPC) Expansion:** Adding NVMe storage to a system that only has standard PCIe slots. 2. **Edge Computing:** Integrating AI accelerators (like Coral M.2 or Intel Movidius) into IEI embedded systems. 3. **Networking:** Converting internal signals to support 4G/5G or Wi-Fi modules. ---
    ✨ Follow-up Questions
    • ⤷ Is the M2CEC-1600E-R2 compatible with standard consumer motherboards?
    • ⤷ What are the specific M.2 keying options supported by this revision?
    • ⤷ Does this board require additional drivers for signal conversion?