công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1500F-R2/Q

  • AI
    The **M2CEC-1500F-R2/Q** is a high-performance industrial computing module, typically categorized as a **COM Express Type 6 Compact Module**. It is designed for embedded systems requiring significant processing power in a small footprint, such as medical imaging, automation, and telecommunications. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Processing Specifications The heart of this module is built around the Intel architecture, specifically designed for high-efficiency multi-tasking. | Component | Specification Details | | :--- | :--- | | **Processor (CPU)** | Intel® Core™ i7 / i5 / i3 (6th or 7th Gen "Skylake/Kaby Lake") | | **Chipset** | Intel® QM170 / QM175 Platform Controller Hub (PCH) | | **Memory Support** | Dual-channel DDR4 SO-DIMM (up to 32GB) | | **Graphics** | Integrated Intel® HD Graphics (Supports 4K resolution) | --- ### 2. Connectivity and I/O Interfaces The "R2/Q" designation often refers to specific revisions or industrial-grade thermal qualifications. The module connects to a carrier board via high-density connectors. * **Display Interfaces:** Supports up to three independent displays via: * **DDI:** Digital Display Interface (DisplayPort/HDMI/DVI). * **LVDS/eDP:** For internal flat-panel connections. * **Expansion Buses:** * **PCIe:** Multiple lanes (Gen 3.0) for high-speed peripherals. * **LPC Bus:** For legacy I/O support. * **Storage & Peripheral I/O:** * **SATA:** Up to 4x SATA 6Gb/s ports. * **USB:** Support for USB 3.0 and USB 2.0. * **Ethernet:** Intel® I219-LM GbE Controller (supporting AMT 11.0). --- ### 3. Electrical and Thermal Characteristics Designed for industrial reliability, the electronic circuitry includes robust power management. * **Input Voltage:** Typically operates on a +12V primary power input with a +5V standby rail. * **Power Management:** Supports ACPI 5.0 for advanced power states (Sleep, Hibernate). * **Operating Temperature:** Available in standard (0°C to 60°C) or "Q" (Wide Temperature) variants for harsh environments. * **BIOS:** AMI UEFI BIOS with SPI Flash memory. --- ### 4. Key Component Layout (Typical) ```mermaid graph TD CPU[Intel Core CPU] --- PCH[Intel PCH Chipset] PCH --- RAM[DDR4 SO-DIMM Slots] PCH --- PCIe[PCIe Lanes to Carrier] PCH --- SATA[SATA 3.0 Ports] CPU --- GPU[Intel HD Graphics] GPU --- Display[DP / HDMI / LVDS] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R2 and Q variants in this model?
    • ⤷ Which carrier boards are compatible with the M2CEC-1500F-R2/Q?
    • ⤷ What is the maximum power consumption (TDP) for this module under full load?