công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1400E-R2

  • AI
    The **M2CEC-1400E-R2** is a specialized industrial motherboard (often referred to as a Carrier Board) typically designed for **COM Express Type 6 Compact/Basic** modules. It is engineered for high-performance embedded computing, often used in automation, medical imaging, and defense. Below is a breakdown of the electronic components and interface specifications for this board: --- ### 1. Core Architecture & Compatibility The "M2CEC" series is built to host a Computer-on-Module (COM). The board provides the physical I/O infrastructure for the processor sitting on the module. | Feature | Specification | | :--- | :--- | | **Form Factor** | Micro-ATX or Proprietary Compact (Carrier Board) | | **Module Support** | COM Express Type 6 (Basic/Compact) | | **Power Input** | Standard ATX 24-pin or Wide Range DC Input (12V/24V) | | **Operating Temp** | Standard (0°C to 60°C) or Industrial (-40°C to 85°C) | --- ### 2. Connectivity and I/O Interfaces The electronic layout distributes high-speed signals from the COM Express pins to standard physical ports: * **Display Interfaces:** * **DisplayPort/HDMI:** Supports high-resolution digital output. * **LVDS/eDP:** 18/24-bit dual-channel for internal flat-panel integration. * **VGA:** Often included for legacy monitor support. * **Expansion Slots:** * **PCIe x16:** For high-end GPUs or FPGA accelerators. * **Mini-PCIe / M.2:** Slots for Wi-Fi, Bluetooth, or cellular (LTE/5G) modules. * **Storage:** * **SATA III:** Multiple 6Gb/s ports for SSDs/HDDs. * **mSATA:** Often shared with a Mini-PCIe slot. * **Network:** * **Dual/Triple Gigabit Ethernet:** Controlled via Intel or Realtek PHYs integrated on the board. --- ### 3. Integrated Electronic Circuits The board features several sub-systems to ensure stable operation: 1. **Voltage Regulation Modules (VRMs):** Converts input power to precise voltages (5V, 3.3V, 1.2V) required by the peripherals and the COM Express module. 2. **Super I/O Controller:** Manages legacy ports like RS-232/422/485 (Serial), PS/2, and hardware monitoring (fan speed, temperature). 3. **Audio Codec:** Usually an HD Audio link providing Line-out, Line-in, and Mic-in via an onboard Realtek chip. 4. **GPIO:** General Purpose Input/Output headers for controlling relays or reading sensors in industrial environments. --- ### 4. Typical Applications * **Edge Computing:** Processing data from IoT sensors locally. * **Medical Equipment:** Powering diagnostic devices and imaging displays. * **HMI (Human Machine Interface):** Used in kiosks and industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the M2CEC-1400E-R2?
    • ⤷ Which COM Express Type 6 modules are most compatible with this carrier board?
    • ⤷ Does this board support TPM 2.0 for hardware-level security?