công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1400A-R

  • AI
    The **M2CEC-1400A-R** is a specific electronic sub-assembly, typically categorized as a **Medium Voltage (MV) Contactor** or a **Vacuum Contactor Assembly**, often used in industrial motor control centers (MCC). It is designed by manufacturers like Mitsubishi Electric or similar power distribution firms for heavy-duty switching applications. Below is an explanation of its electronic and electromechanical components. --- ## 1. Core Technical Specifications The model name typically breaks down into its electrical ratings: | Feature | Specification (Typical) | | :--- | :--- | | **Device Type** | Vacuum Contactor | | **Rated Voltage** | 3.6kV to 7.2kV (Medium Voltage) | | **Rated Current** | 400A (Continuous) | | **Interrupting Capacity** | 40kA (Short-circuit protection context) | | **Mounting Type** | Draw-out (R-type / Roll-out) | --- ## 2. Key Electronic & Mechanical Parts The M2CEC-1400A-R consists of several critical subsystems: ### A. Vacuum Interrupters (VIs) The heart of the unit. These are ceramic or glass bottles containing a vacuum. * **Function:** They house the electrical contacts. Because they are in a vacuum, arcs generated during switching are extinguished almost instantly, preventing contact wear and fire hazards. ### B. Electromagnetic Operating Mechanism * **Operating Coil:** An electronic solenoid that moves the plunger to close or open the contacts. * **Control Board (Rectifier/Economizer):** Modern versions often include a small circuit board that converts AC control power to DC for the coil and reduces the "holding current" once the contactor is closed to prevent overheating. ### C. Auxiliary Switches * **Contacts (NO/NC):** Small secondary electronic switches used for signaling. * **Function:** They tell the central PLC (Programmable Logic Controller) or SCADA system whether the contactor is currently OPEN or CLOSED. ### D. Draw-out Mechanism (The "-R" Suffix) * **Primary Disconnects (Stabs):** High-conductivity copper fingers that plug into the main busbar. * **Position Switches:** Sensors that detect if the unit is in the "Test," "Disconnected," or "Connected" position. --- ## 3. Applications This specific part is used in environments requiring high-frequency switching of high-voltage equipment: * **Large Induction Motors:** Starting and stopping 2000HP+ motors. * **Transformer Switching:** Controlling power distribution to sub-sections of a plant. * **Capacitor Banks:** Used for power factor correction. --- ## 4. Maintenance & Electronic Monitoring Because these parts handle 400A at medium voltages, they often incorporate: 1. **Wear Indicators:** Visual or electronic markers showing the thickness of the vacuum contacts. 2. **Latch Mechanisms:** Can be "Electrically Held" (stays closed as long as power is applied) or "Mechanically Latched" (requires a pulse to close and a pulse to trip). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'Electrically Held' and 'Mechanically Latched' versions of this contactor?
    • ⤷ How do you perform a dielectric withstand test on the M2CEC series?
    • ⤷ What are the common failure modes for the vacuum interrupters in 400A contactors?