công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1350D-R2/Q

  • AI
    The **M2CEC-1350D-R2/Q** is a high-performance, ruggedized carrier board or system component typically used in industrial computing, specifically designed to interface with **M.2** expansion modules and high-speed data acquisition systems. Below is a breakdown of its primary electronic characteristics and components: --- ### 1. Core Technical Specifications The "M2CEC" series often refers to **M.2 to Camera Link** or **M.2 to PCIe** expansion solutions, frequently utilized in embedded vision and AI processing. | Component Category | Description | | :--- | :--- | | **Interface Type** | M.2 Key M (PCIe x4 Gen3) | | **Output Interface** | Typically high-speed LVDS or specialized digital video (Camera Link) | | **Form Factor** | Compact M.2 2280 or custom industrial module | | **Power Input** | 3.3V (Standard M.2 rail) with internal DC-DC conversion | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Sections #### A. Power Management (PMIC) To ensure stability in industrial environments, the board includes: * **Voltage Regulators:** Low-Dropout (LDO) regulators and Switching Converters to step down power for the onboard FPGA/ASIC. * **Protection Circuits:** Transient Voltage Suppressors (TVS) to protect against electrostatic discharge (ESD) and surges. #### B. Signal Conditioning Since this part handles high-speed data (often video or sensor data): * **Differential Pair Routing:** The PCB utilizes impedance-controlled traces (typically 100 ohms) to prevent signal reflection. * **Redrivers/Repeaters:** Some versions include active signal boosting to maintain data integrity over the M.2 connector. #### C. Connectivity (The "D-R2/Q" Suffix) * **Digital I/O:** The "D" usually signifies a Digital interface focus. * **Revision 2 (R2):** Indicates hardware improvements over the original design, often involving better heat dissipation or revised power filtering. * **Q-Grade:** Often refers to **Qualification** or **Automotive/High-Reliability** standards, meaning the capacitors and resistors used are rated for higher vibration and thermal stress. --- ### 3. Block Diagram Logic ```mermaid graph LR A[M.2 Host PCIe x4] --> B[Interface Controller/FPGA] B --> C[Data Buffer / DDR Memory] B --> D[Output Port: Camera Link / LVDS] E[3.3V Rail] --> F[Power Management Unit] F --> B F --> D ``` --- ### 4. Typical Applications 1. **Industrial Machine Vision:** Converting M.2 slots in industrial PCs into camera inputs. 2. **Edge AI Computing:** Passing high-bandwidth sensor data directly to a GPU or NPU. 3. **Aerospace/Defense:** Used in rugged small-form-factor (SFF) computers for data logging.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the M2CEC-1350D-R2/Q output header?
    • ⤷ Is this module compatible with standard NVMe M.2 slots on consumer motherboards?
    • ⤷ Does the R2 version require specific software drivers for Linux or Windows?