công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2CEC-1350A-R2

  • AI
    The **M2CEC-1350A-R2** is a high-performance industrial-grade carrier board or conversion module (typically associated with IEI Integration Corp). It is designed to bridge **M.2 (A+E Key)** slots with **PCIe/Mini-PCIe** or specific display signals to extend the connectivity of embedded systems. Below is an explanation of its electronic components and technical architecture. --- ### 1. Core Technical Specifications The device acts as an interface adapter. Its electronic design focuses on signal integrity and power regulation. | Component Type | Specification | | :--- | :--- | | **Interface Type** | M.2 (A+E Key) | | **Form Factor** | 2230 / 2242 (standard M.2 dimensions) | | **Expansion Slot** | Typically provides 1 x PCIe Mini slot or HDMI/LVDS bridge | | **Operating Temp** | -20°C ~ 60°C (Industrial Grade) | | **Input Voltage** | 3.3V (via M.2 Slot) | --- ### 2. Key Electronic Parts and Functions #### A. The Bridge Controller (IC) The heart of the module is usually a **Bridge Chip** (such as a Pericom or ASMedia controller). This integrated circuit handles the translation between the M.2 PCIe lanes and the target output (e.g., converting PCIe signals to a Mini-PCIe pinout or a display interface). #### B. Power Management Unit (PMU) Because M.2 slots strictly provide 3.3V, the board contains: * **Voltage Regulators (LDO/Buck):** To step down or stabilize voltage for the onboard logic. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the ICs to filter high-frequency noise and prevent voltage drops during high-speed data bursts. #### C. Signal Integrity Components * **Differential Pair Routing:** The PCB traces for PCIe signals are designed with specific impedance (usually 100 ohms) to prevent signal reflection. * **ESD Protection Diodes:** Located near the connectors to protect the internal silicon from static electricity discharges during installation. #### D. Connectors * **Gold Fingers:** The 75-pin M.2 edge connector is gold-plated to ensure low-resistance contact and prevent corrosion in industrial environments. * **Output Header:** Depending on the revision, it may feature a high-density pin header or a Mini-PCIe socket. --- ### 3. Block Diagram Logic To understand how the electronics flow: 1. **Input:** M.2 A+E Key (Host PC/SBC) → Provides PCIe x1, USB 2.0, and 3.3V Power. 2. **Processing:** Bridge IC manages data packets and timing synchronization. 3. **Output:** Converted signal (e.g., Mini-PCIe) → Connected Peripheral (Wifi card, LTE module, or Capture card). --- ### 4. Compatibility Note When integrating this part, ensure the host's M.2 slot supports **PCIe signaling**. If the slot is wired only for USB (common in some low-end IoT boards), the PCIe-based features of the M2CEC-1350A-R2 will not function.
    ✨ Follow-up Questions
    • ⤷ What is the specific bridge controller used in the M2CEC-1350A-R2?
    • ⤷ Does this module support dual-band Wi-Fi expansion?
    • ⤷ What are the power consumption limits for devices connected to this carrier?