M2CEC-13006-R/Q
AI

The **M2CEC-13006-R/Q** appears to be a specialized mechanical or electromechanical component, often associated with automotive or heavy machinery systems (frequently linked to Ford/Motorcraft or industrial hardware specifications).
Below is a breakdown of the electronic and physical characteristics typically associated with this part category.
---
### 1. General Specifications
While specific data sheets for proprietary part numbers can vary by manufacturer, parts in this series generally follow these parameters:
| Attribute | Typical Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Connector / Mounting Base |
| **Material** | High-grade Polymer / Composite with Metallic Contacts |
| **Conductivity** | Copper-alloy terminals (often silver or tin-plated) |
| **Environmental Rating** | IP67 or higher (dust and water resistance) |
| **Application** | Engine control units, sensor housing, or power distribution |
---
### 2. Electronic Characteristics
If this part functions as a connector or sensor interface, its electronic performance is defined by:
* **Contact Resistance:** Typically measured in milliohms ($m\Omega$) to ensure minimal voltage drop across the connection.
* **Dielectric Strength:** The insulation material is designed to withstand high voltages (often >1000V AC) without breaking down, preventing short circuits.
* **Current Capacity:** Depending on the gauge of the pins, it is usually rated for **10A to 40A** for power pins and **<5A** for signal pins.
* **Thermal Stability:** Designed to operate in high-temperature environments (up to **125°C or 150°C**), which is critical for components mounted near engines.
---
### 3. Structural Components
The "R/Q" suffix often denotes specific revisions or quality standards:
1. **Housing:** Made of PBT (Polybutylene terephthalate) reinforced with glass fiber for rigidity and heat resistance.
2. **Sealing:** Silicone or Viton gaskets are used to prevent moisture ingress, which causes electronic corrosion.
3. **Locking Mechanism:** Usually features a "Positive Lock" or CPA (Connector Position Assurance) to ensure the electronic connection remains stable under high vibration.
---
### 4. Comparison Table: R-Type vs. Q-Type
In many industrial numbering systems, these suffixes differentiate the following:
| Suffix | Meaning | Electronic Impact |
| :--- | :--- | :--- |
| **-R** | **RoHS Compliant** | Restricted use of hazardous substances like Lead (Pb). |
| **-Q** | **Automotive Grade / AEC-Q** | Tested for higher vibration and stress cycles. |
---
- ⤷
What is the pin configuration for the M2CEC-13006 connector?
- ⤷ Does this part require specific crimping tools for installation?
- ⤷ What is the maximum operating voltage for the M2CEC series?