M2CEC-1225D-R2
AI

The **M2CEC-1225D-R2** is a specialized electronic component, typically identified as an **M.2 (NGFF) to Dual CANbus Expansion Module**. This part is designed to add CAN (Controller Area Network) communication capabilities to industrial computers, embedded systems, or IoT gateways via an M.2 slot.
Below is a breakdown of its core electronic characteristics and specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 B+M Key (typically 2242 or 2280) |
| **Interface** | USB 2.0 (Signal over M.2) |
| **CAN Channels** | 2 Independent Channels |
| **Protocol Support** | CAN 2.0A / CAN 2.0B |
| **Data Rate** | 5 Kbps to 1 Mbps |
| **Isolation** | 2.5kV Optical/Galvanic Isolation |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Core Electronic Components
The internal circuitry of this module generally consists of four primary stages:
#### A. The Bridge Controller
Since the module interfaces via the M.2 slot using USB signals, it contains a **USB-to-CAN bridge chip**. This chip handles the translation of high-level commands from the operating system into the bitstream required for CAN communication.
#### B. CAN Controllers
These are the logic units that manage the CAN frames, error handling, and bit timing. In the "1225D" series, these are often integrated into the bridge chip or provided by dedicated microcontrollers (MCUs).
#### C. Galvanic Isolation (The "I" Factor)
One of the most critical parts of the M2CEC-1225D-R2 is the **High-Speed Digital Isolators**. These electronic parts physically separate the computer's logic board from the external CAN bus. This protects the host PC from:
* High-voltage surges on the bus.
* Ground loops.
* Electromagnetic interference (EMI).
#### D. CAN Transceivers
The final stage consists of **Transceivers** (typically ISO-standard high-speed transceivers). These parts convert the digital logic signals (TX/RX) from the controller into the differential voltage signals (CAN_High/CAN_Low) used on the physical wires.
---
### 3. Connector Pinout (Typical)
The module usually outputs to a 10-pin or 20-pin header which then connects to a DB9 cable.
| Pin | Signal | Description |
| :--- | :--- | :--- |
| 1 | CAN_H | CAN High Signal (Channel 1) |
| 2 | CAN_L | CAN Low Signal (Channel 1) |
| 3 | GND | Ground / Shield |
| 4 | CAN_H | CAN High Signal (Channel 2) |
| 5 | CAN_L | CAN Low Signal (Channel 2) |
---
### 4. Application Use Cases
* **Automotive Testing:** Connecting a PC to a vehicle's OBD-II or ECU network.
* **Industrial Automation:** Communicating with PLCs or motor drivers in a factory setting.
* **Robotics:** Managing sensor arrays and actuator feedback via the CAN backbone.
- ⤷
Does this module require specific drivers for Windows or Linux?
- ⤷ What is the difference between the R2 version and previous revisions?
- ⤷ How do I configure the onboard termination resistors for this module?