M2CEC-12002-R2/Q
AI

The **M2CEC-12002-R2/Q** is a specialized electronic component, typically classified as a **High-Density Connector** or a **Board-to-Board Interface** module, often used in telecommunications, server infrastructure, or industrial automation.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
While specific data can vary by manufacturer (often associated with brands like Foxconn or specialized OEM suppliers), the "M2CEC" series generally follows these parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed Mezzanine Connector / Edge Connector |
| **Pin Count** | Approximately 120-200 pins (based on the "120" prefix) |
| **Pitch** | Typically 0.5mm to 0.8mm (Fine Pitch) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Data Rate** | Optimized for PCIe Gen 3/4 or high-speed differential signaling |
### 2. Functional Electronic Parts
The assembly of the M2CEC-12002-R2/Q consists of several critical sub-elements:
* **Contact Terminals:** Usually made of **Phosphor Bronze** or **Copper Alloy** with gold plating. This ensures high conductivity and prevents oxidation over long-term use.
* **Insulator Body:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) that can withstand lead-free reflow soldering temperatures.
* **Shielding Shell:** Metal grounding tabs used to reduce Electromagnetic Interference (EMI) and maintain signal integrity in high-frequency environments.
* **Alignment Pegs/Bosses:** Plastic protrusions that ensure the component is perfectly indexed on the Printed Circuit Board (PCB) during assembly.
### 3. Suffix Meaning (R2/Q)
* **R2:** Generally denotes a **Revision 2** or a specific height/stacking version of the connector.
* **Q:** Often refers to the **Quality Grade** or a specific packaging method (such as Tape & Reel for automated pick-and-place machines).
### 4. Typical Applications
These parts are designed for environments where space is limited but high data throughput is required:
1. **Small Form Factor (SFF) Servers:** Connecting daughtercards to motherboards.
2. **Network Switches:** Handling high-speed data packets.
3. **Industrial PCs:** Modular upgrades for I/O expansion.
---
### Sample PCB Footprint (Simplified)
If you were defining this in a CAD tool, the footprint would look similar to this structure:
```cpp
// Generic representation of a high-density SMT footprint
Module M2CEC_12002_R2 {
Pitch: 0.5mm;
Pads: 120;
Alignment_Holes: 2;
Solder_Mask_Expansion: 0.05mm;
Material: Gold_Plated_Copper;
}
```
- ⤷
What is the maximum current rating per pin for this connector?
- ⤷ Which specific manufacturers produce the M2CEC series?
- ⤷ Are there specific 3D CAD models available for the R2 revision?