M2CEC-12002-R/
AI

The **M2CEC-12002-R** is a specific technical component often associated with industrial automation or specialized electronic assemblies (frequently linked to brands like ADLINK or specific PCI/PCIe carrier cards).
Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number.
---
### 1. General Overview
The M2CEC series generally refers to **M.2 to Carrier** conversion interfaces. These parts are designed to bridge high-speed communication protocols (like PCIe or SATA) between an M.2 module and a host system or evaluation board.
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Connector / Interface Adapter |
| **Interface Standard** | M.2 (NGFF) |
| **Signal Configuration** | E-Key or M-Key (depending on sub-revision) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (TH) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Electronic Characteristics
To understand the circuitry of the M2CEC-12002-R, we look at the physical and electrical constraints:
* **Pin Count:** Usually features a high-density pin layout (often 67 to 75 pins) to support multiple lanes of PCIe.
* **Voltage Support:** Designed to handle standard M.2 voltages, primarily **3.3V**.
* **Signal Integrity:** The electronic traces and contact materials are optimized for high-frequency signals to prevent data loss in Gen3 or Gen4 PCIe environments.
* **Thermal Management:** The "CEC" designation often implies a specific form factor meant for carrier boards where heat dissipation is managed via the PCB ground planes.
---
### 3. Connection Mapping
The following table outlines how the electronic signals are typically routed in this type of module:
| Pin Group | Function | Description |
| :--- | :--- | :--- |
| **Power Pins** | 3.3V / GND | Supplies the main operating power to the attached module. |
| **PCIe Lanes** | PETp/n, PERp/n | Differential pairs for high-speed data transmission. |
| **Control Signals** | PERST#, CLKREQ# | Manages the reset and clock requests for the module. |
| **USB/SATA** | Optional I/O | Some versions include pins for USB 2.0 or SATA sideband signals. |
---
### 4. Common Applications
These parts are rarely sold as consumer items; they are integrated into:
1. **Industrial PCs (IPCs):** Connecting Wi-Fi, Bluetooth, or AI acceleration modules.
2. **Edge Computing:** Used in gateways to provide expandable storage or connectivity.
3. **Carrier Boards:** Specifically for COM Express or SMARC modules that require an M.2 expansion slot.
---
- ⤷
What is the exact pinout diagram for the M2CEC-12002-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Is this part compatible with NVMe SSDs or only wireless modules?