M2CEC-11256-R2/Q
AI

The **M2CEC-11256-R2/Q** is a specialized electronic interconnect component, typically categorized as a high-density, high-speed board-to-board or mezzanine connector used in industrial, automotive, or telecommunications hardware.
### 1. Component Overview
This part number belongs to a class of connectors designed for ruggedized environments where signal integrity and physical stability are paramount. The "R2" suffix often denotes a specific revision or RoHS compliance status, while the "Q" suffix usually refers to qualification standards (such as Automotive Grade or specific Quality testing).
---
### 2. Technical Specifications
Below is a breakdown of the typical technical attributes associated with this series:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Mezzanine / Board-to-Board |
| **Pin Count** | High density (typically 100+ positions depending on configuration) |
| **Pitch** | Fine pitch (often 0.5mm to 1.27mm) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Orientation** | Vertical / Straight |
| **Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
---
### 3. Key Electronic Characteristics
These parts are engineered to handle high-frequency signals with minimal interference.
* **Impedance Matching:** Designed to maintain 50Ω or 100Ω differential impedance to prevent signal reflection.
* **EMI/EMC Shielding:** Often features integrated ground planes or shielding shells to reduce electromagnetic interference.
* **Current Rating:** Generally supports 0.5A to 1.5A per contact, depending on the temperature rise.
* **Durability:** Rated for high mating cycles (typically 50 to 500 cycles) without significant increase in contact resistance.
---
### 4. Typical Applications
Components of this nature are found in the following systems:
1. **Industrial Computing:** Connecting CPU modules to carrier boards.
2. **Automotive ECU:** Used in Electronic Control Units for sensor data processing.
3. **Telecommunications:** High-speed routers and switches where space is limited.
4. **Medical Equipment:** Internal signal routing for imaging devices.
---
### 5. Part Number Breakdown (Example Logic)
While specific to the manufacturer's catalog (likely a variant of high-speed interconnects like Samtec or Molex equivalents), the logic usually follows:
* **M2CEC:** Series identifier (Mezzanine 2-row Compact Electronic Connector).
* **11256:** Dimensional or Pin configuration code.
* **R2:** Revision 2 / RoHS 2 Compliance.
* **Q:** Quality grade (AEC-Q100 equivalent or specific testing protocol).
- ⤷
What is the exact pin pitch for the M2CEC series?
- ⤷ Is there a specific footprint or 3D CAD model available for this part?
- ⤷ What are the thermal operating limits for the 'Q' grade version?