AI

The **M2CEC-110B-R/Q** refers to a high-density, high-speed connector, typically associated with the **M.2 (NGFF)** or similar board-to-board interface standards used in industrial and computing applications. These components are designed to facilitate high-frequency data transfers between a host PCB and a daughter card or module.
---
### Technical Specifications
Below is a breakdown of the typical electronic and physical characteristics for this part series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF) / Board-to-Board |
| **Number of Pins** | 110 Pins |
| **Pitch** | 0.50 mm (High Density) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle (Horizontal) |
| **Plating** | Gold (Flash or selective) for corrosion resistance |
| **Current Rating** | ~0.5A per pin |
| **Voltage Rating** | 50V AC/DC |
---
### Key Features
1. **High-Speed Signal Integrity**: Designed to support protocols such as **PCIe Gen 3/4**, SATA 3.0, and USB 3.1. The internal contact geometry is optimized to minimize crosstalk and signal attenuation.
2. **Compact Form Factor**: With a 0.5mm pitch, it allows for 110 connections in a very small footprint, making it ideal for mobile devices, embedded systems, and industrial controllers.
3. **Mechanical Stability**: The "R/Q" designation often refers to specific packaging (Reel/Quantity) or minor mechanical revisions like boss/peg configurations that ensure the connector remains aligned during the reflow soldering process.
4. **Durability**: Usually rated for 25 to 60 mating cycles, depending on the specific plating thickness of the contact points.
### Common Applications
* **Solid State Drives (SSDs)**: Interface for high-capacity storage modules.
* **Wireless Modules**: Connecting Wi-Fi, Bluetooth, or 5G/LTE cards to a motherboard.
* **Industrial Computing**: Used in COM (Computer-on-Module) carriers for modular upgrades.
* **FPGA Mezzanine Cards**: Providing high-speed I/O expansion in specialized hardware.
---
### Electrical Interface Layout
While the pinout depends on the specific "Keying" (e.g., A, B, E, or M Key), a 110-pin configuration generally allocates pins as follows:
```text
Pin Group Function
--------- -------------------------------------
1 - 20 Power Supply (3.3V) and Ground (GND)
21 - 80 High-Speed Differential Pairs (TX/RX)
81 - 100 Control Signals (Reset, Sleep, Wake)
101 - 110 Configuration Pins / Reserved
```
---
- ⤷
What is the difference between A
- ⤷ B
- ⤷ and M keying for this connector?
- ⤷ What are the recommended reflow soldering profiles for M2CEC series connectors?
- ⤷ Does this part number comply with PCIe Gen 5 standards?