M2CEC-1100F-R2/Q
AI

The **M2CEC-1100F-R2/Q** is an industrial-grade embedded system component, typically part of a modular PC or an expansion carrier board system (often associated with brands like **IEI Integration Corp**).
Below is a breakdown of its electronic characteristics and functional components.
---
### 1. Component Overview
This part functions primarily as a **Carrier Board** or **Expansion Interface** for high-performance computing modules. It is designed to bridge a core processor module to various Input/Output (I/O) peripherals.
### 2. Key Electronic Specifications
The board is characterized by its ruggedized electronic design, ensuring stability in industrial environments.
| Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | Proprietary Industrial / Compact Board |
| **Input Voltage** | Typically 9V ~ 36V DC (Wide range for industrial power) |
| **I/O Interface** | Support for USB 3.0, Dual LAN (Gigabit), and RS-232/422/485 |
| **Expansion Slots** | M.2 (B-Key / M-Key) for NVMe or Cellular modules |
| **Display Output** | HDMI or DisplayPort (DP) via internal high-speed headers |
| **Thermal Design** | Fanless heat dissipation structure |
---
### 3. Electronic Architecture
The board's circuitry is divided into several critical subsystems:
#### A. Power Management Circuitry
* **Voltage Regulation:** Uses high-efficiency DC-to-DC converters to step down industrial power (e.g., 24V) to the 3.3V and 5V rails required by logic chips.
* **Protection:** Includes Transient Voltage Suppressors (TVS) and OCP (Over-Current Protection) to prevent damage from power surges.
#### B. Connectivity Hub
* **Ethernet Controllers:** Usually integrated Intel or Realtek chips providing isolated LAN ports to reduce electromagnetic interference (EMI).
* **Signal Integrity:** Uses differential pair routing for high-speed signals (USB/PCIe) to ensure data stability.
#### C. Expansion & Storage
* **M.2 Slots:** Designed with PCIe lanes and SATA lines, allowing for the addition of SSDs or AI acceleration cards (like Intel Movidius).
---
### 4. Environmental & Durability Standards
As indicated by the "R2" (Revision 2) and "Q" (Quality/Quiet) suffixes, this part is built for longevity:
1. **Industrial Capacitors:** Uses solid-state capacitors which have a longer lifespan than electrolytic versions.
2. **Wide Temperature Tolerance:** Often rated to operate between **-20°C to 60°C**.
3. **Vibration Resistance:** Connectors are often reinforced or have locking mechanisms to withstand mechanical stress.
---
- ⤷
What is the specific pinout configuration for the M.2 slots on this board?
- ⤷ Does this model support PoE (Power over Ethernet) on its LAN ports?
- ⤷ What are the compatible CPU modules for the M2CEC-1100F series?