M2CE-11-R/CE
AI

The **M2CE-11-R/CE** is a specific part number belonging to the **M2CE series** of industrial control switches, typically manufactured by companies like **OMRON**. This specific model is a **square-type, non-lighted pushbutton switch**.
Below is a detailed breakdown of its electronic and physical components.
---
### 1. Technical Specifications
The electrical characteristics define how the switch integrates into a circuit.
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | DPDT (Double Pole Double Throw) |
| **Operation Type** | Alternate (Push-ON / Push-OFF) |
| **Current Rating** | 5A at 125 VAC / 3A at 250 VAC |
| **Voltage Rating** | 125VAC / 250VAC / 30VDC |
| **Illumination** | Non-lighted |
| **Button Color** | Red (indicated by the "-R" suffix) |
| **Terminal Type** | Solder terminals |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific electronic behavior of the unit:
* **M2C**: Refers to the series (Square body, usually 18mm or 24mm size).
* **E**: Indicates the "Electronic" or specific housing style.
* **11**: Denotes the contact block configuration (DPDT).
* **R**: Denotes the color of the actuator (Red).
* **CE**: Indicates compliance with European safety standards (Conformité Européenne).
---
### 3. Key Electronic Components
#### A. Contact Mechanism (DPDT)
The internal switching mechanism is **Double Pole Double Throw**. This means it can control two separate circuits simultaneously. Each "pole" has a common terminal, a Normally Open (NO) terminal, and a Normally Closed (NC) terminal.
#### B. Alternate Action (Latching)
Unlike a momentary switch (which springs back immediately), the **Alternate** action means that when you press the button, it locks into position (completing the circuit) and stays there until you press it a second time to release it.
#### C. Microswitch Unit
The core of the M2CE-11 is a high-precision microswitch. It is designed for high reliability with silver-plated contacts to minimize electrical resistance and prevent oxidation over long periods of use.
#### D. Dielectric Strength
These parts are typically rated for a dielectric strength of **2,000 VAC (50/60 Hz for 1 minute)** between terminals of the same polarity, ensuring safety against high-voltage spikes in industrial environments.
---
### 4. Application Areas
Because of its DPDT configuration and latching mechanism, it is commonly used in:
1. **Control Panels:** Main power toggles for sub-systems.
2. **Safety Interlocks:** Ensuring a system remains "OFF" until manually engaged.
3. **Industrial Automation:** Relaying signals to PLC (Programmable Logic Controller) inputs.
- ⤷What is the difference between DPDT and SPDT in the M2CE series?
- ⤷ Does the M2CE-11-R/CE require a separate mounting bracket?
- ⤷ Can this switch be converted to a lighted version by swapping the cap?