M2AVS-D112-R/N
AI

The **M2AVS-D112-R/N** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Photo-MOSFET Relay**, often utilized in industrial automation, instrumentation, and telecommunications.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | Solid State Relay / Photo-MOS Relay |
| **Contact Form** | 1 Form A (Normally Open) |
| **Mounting Type** | Through-hole (DIP) or Surface Mount (depending on suffix) |
| **Switching Voltage** | Typically 60V to 400V (Load dependent) |
| **Continuous Load Current** | Typically 100mA to 500mA |
---
### 2. Core Electronic Components
The internal architecture of this device consists of three primary stages:
* **Input Stage (LED):**
The input side contains an Infrared Emitting Diode (IRED). When a control current (Forward Current) flows through the LED, it emits light.
* **Isolation Layer:**
An optical coupling barrier provides high-voltage isolation (often up to 3,750V or 5,000V RMS) between the low-voltage control circuit and the high-voltage load circuit.
* **Output Stage (MOSFETs):**
The light is received by a photodiode array which generates a gate voltage to drive a pair of high-speed MOSFETs. These MOSFETs act as the "contacts," allowing current to flow through the load.
---
### 3. Key Technical Characteristics
| Parameter | Description |
| :--- | :--- |
| **Low On-Resistance** | Designed to minimize power loss and heat generation during conduction. |
| **Low Output Capacitance** | Crucial for high-frequency signal switching to ensure signal integrity. |
| **High Isolation Voltage** | Protects sensitive control logic (like Microcontrollers) from high-voltage transients on the load side. |
| **Silent Operation** | Being solid-state, it has no moving parts, resulting in no acoustic noise and no contact bounce. |
---
### 4. Application Areas
* **Modems and Telecommunications:** For hook-switching and line transformer applications.
* **Automatic Test Equipment (ATE):** High-speed switching for signal routing.
* **Programmable Logic Controllers (PLCs):** Interfacing between digital logic and industrial actuators.
* **Security Systems:** Used in silent alarm triggers and sensor interfaces.
---
### 5. Identification Suffixes
* **-R:** Often denotes compliance with specific Tape & Reel packaging standards or a specific lead-forming style.
* **-N:** Frequently indicates "Normally Open" configuration or specific material compliance (like Halogen-free).
- ⤷
What are the primary advantages of using this SSR over a traditional mechanical relay?
- ⤷ What is the maximum switching frequency supported by the M2AVS-D112-R/N?
- ⤷ Can this component handle AC and DC loads simultaneously?