công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-B312-R2/N

  • AI
    The **M2AVS-B312-R2/N** is a specialized high-speed automotive-grade connector, typically used in infotainment, camera systems, and high-speed data transmission within vehicles. This part is part of a series designed to handle Low Voltage Differential Signaling (LVDS) and other high-bandwidth protocols. --- ### 1. General Specifications The part is characterized by its ability to maintain signal integrity in harsh environments (vibration, heat, and electromagnetic interference). | Feature | Specification | | :--- | :--- | | **Connector Type** | Automotive High-Speed Data (HSD) / LVDS | | **Interface** | 4-Pin / 4-Channel configuration | | **Impedance** | 100 $\Omega$ (Differential) | | **Mounting Type** | Through-hole (R/A - Right Angle) | | **Housing Material** | High-temperature thermoplastic | --- ### 2. Key Electronic Components & Design The "electronic" value of this part lies in its physical architecture which dictates its electrical performance: #### A. Signal Integrity & Impedance Control * **Controlled Impedance:** The internal pins are spaced and shielded to maintain a constant **100 Ohm** differential impedance, which is critical for preventing signal reflections in USB 2.0, LVDS, and Ethernet applications. * **Crosstalk Reduction:** The internal geometry is designed to minimize electromagnetic coupling between the four pins. #### B. Contact Plating * **Material:** Usually Gold (Au) or Tin (Sn) over Nickel. Gold is preferred for the contact interface to prevent oxidation and ensure low contact resistance over the vehicle's lifespan. * **Current Rating:** Typically supports up to **1.5A to 3A** per pin, depending on the specific wire gauge used. #### C. EMI/EMC Shielding * The metal outer shell acts as a **Faraday cage**, protecting the data signals from engine noise and ensuring the connector does not emit radiation that could interfere with the car's radio or sensors. --- ### 3. Pinout and Connectivity While specific to the PCB layout it is soldered to, the B312 series generally follows a standard HSD 4-pin layout: 1. **Pin 1:** Signal + (e.g., USB D+) 2. **Pin 2:** Signal - (e.g., USB D-) 3. **Pin 3:** Power / Auxiliary Signal 4. **Pin 4:** Ground / Auxiliary Signal 5. **Shield:** Connected to the chassis ground via the metal tabs. --- ### 4. Typical Applications * **High-Definition Displays:** Connecting the head unit to the digital instrument cluster. * **ADAS Cameras:** Transferring raw video data from backup or 360-degree cameras to the processing unit. * **USB Integration:** Providing the interface for passenger smartphone connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical mounting requirements for the R2/N variant?
    • ⤷ Which high-speed protocols (e.g. GVIF
    • ⤷ FPD-Link) are compatible with this connector?
    • ⤷ What is the operating temperature range for this automotive-grade part?