công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-A1316-R2

  • AI
    The **M2AVS-A1316-R2** is a specialized electronic module, typically associated with industrial automation or specific computing hardware (often found in networking or embedded systems). Based on the nomenclature, it is frequently identified as a **Mezzanine Card** or an interface board. Below is a breakdown of its technical composition and electronic characteristics. --- ### 1. General Specifications The module serves as an interconnect or expansion piece within a larger system architecture. | Feature | Description | | :--- | :--- | | **Type** | Mezzanine / Daughterboard | | **Form Factor** | Custom / Proprietary (often used in server or industrial PCs) | | **Revision** | R2 (Indicates the second hardware iteration/revision) | | **Interface** | High-density pin headers or gold-finger connectors | --- ### 2. Core Electronic Components The board consists of several layers of circuitry designed for signal integrity and power management: #### A. Power Regulation * **DC-DC Converters:** To step down system voltage (usually 12V or 5V) to logic levels (3.3V, 1.8V, or 1.2V). * **Decoupling Capacitors:** Surface-mount (SMD) ceramic capacitors used to filter noise and stabilize voltage across high-speed chips. #### B. Logic and Signal Processing * **EEPROM/Flash Memory:** Small integrated circuits used to store configuration data, serial numbers, or firmware (frequently via I2C or SPI protocol). * **Buffer/Level Shifters:** Components that ensure signal compatibility between the mezzanine card and the motherboard. * **Oscillators:** Crystal oscillators providing clock signals for data synchronization. #### C. Connectivity * **High-Speed Interconnects:** Specialized connectors designed to handle high-frequency signals with minimal EMI (Electromagnetic Interference). * **Passive Components:** Resistor networks used for impedance matching (termination) to prevent signal reflection. --- ### 3. Functional Purpose While specific use cases depend on the manufacturer (such as Advantech or similar industrial providers), these boards generally perform the following roles: 1. **I/O Expansion:** Adding extra serial ports, GPIOs, or networking capabilities. 2. **Signal Conversion:** Converting proprietary signals into standard formats like PCIe, USB, or SATA. 3. **Security/Authentication:** Acting as a hardware key or TPM (Trusted Platform Module) for the host system. --- ### 4. Identification and Maintenance If you are troubleshooting this part, look for these common indicators on the PCB: * **Silkscreen Labels:** Check for component designators (e.g., U1, C5, R10) to identify specific failed parts. * **Solder Integrity:** R2 revisions often include hardware fixes for issues found in R1; ensure there are no cold solder joints on the high-density connectors.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer or host system for this M2AVS module?
    • ⤷ Are there specific pinout diagrams available for the R2 revision?
    • ⤷ What are the common failure symptoms for this mezzanine card?