công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-4136-R2

  • AI
    The **M2AVS-4136-R2** is a high-performance, industrial-grade **Motor Controller/Servo Drive**, typically associated with precision automation systems (often seen in semiconductor manufacturing or robotics). Below is a breakdown of its electronic components and specifications. --- ## 1. Core Technical Specifications The M2AVS series is designed for high-density power control. The "4136" designation typically refers to the voltage and current handling capabilities. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 200–240V AC (3-Phase) | | **Output Power** | ~400W to 1.5kW (Variable by load) | | **Control Logic** | Digital DSP-based PWM | | **Feedback Support** | Incremental/Absolute Encoders | | **Communication** | RS-232 / RS-485 / Analog Command | --- ## 2. Key Electronic Internal Components ### A. Power Stage (Inverter Section) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to convert DC bus voltage into a 3-phase AC output for the motor. * **Rectifier Bridge:** Converts incoming AC utility power into high-voltage DC. * **Bus Capacitors:** Large electrolytic capacitors used to smooth the DC voltage ripple and store energy for sudden load spikes. ### B. Control & Processing * **DSP (Digital Signal Processor):** The "brain" that calculates PID loops, trajectory planning, and current sensing in real-time. * **Opto-Isolators:** These protect the sensitive logic circuits from high-voltage spikes on the power lines by using light to transmit signals. ### C. Feedback & Sensing * **Current Sensors (Hall Effect):** Monitors the output current to each motor phase to prevent over-current and ensure precise torque control. * **Encoder Interface:** Electronic circuitry designed to interpret high-speed pulses from the motor’s encoder to track position and velocity. --- ## 3. Interface and I/O Port Layout | Pin/Port Type | Function | | :--- | :--- | | **L1, L2, L3** | Main Power Input (AC) | | **U, V, W** | Motor Phase Output | | **CN1 (I/O)** | Command signals (Pulse/Dir, Enable, Limit Switches) | | **CN2 (Encoder)** | Feedback input from the motor | | **CN3 (Comm)** | Programming and diagnostic port | --- ## 4. Safety and Protection Features * **Overvoltage/Undervoltage:** Shuts down the drive if the DC bus exceeds safety limits. * **Regenerative Braking Circuit:** An internal electronic switch that redirects excess energy (generated when a motor slows down) to a braking resistor. * **Short Circuit Protection:** Instantaneous shutdown if a phase-to-phase short is detected. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the CN1 I/O port?
    • ⤷ How do I configure the PID parameters for this drive using the communication port?
    • ⤷ Does this model support EtherCAT or other industrial fieldbus protocols?