M2AVS-2316-R/N
AI

The **M2AVS-2316-R/N** is a specialized electronic component primarily categorized as an **RF (Radio Frequency) Integrated Circuit**, specifically a **Monolithic Microwave Integrated Circuit (MMIC) Attenuator**. It is commonly utilized in telecommunications and signal processing equipment.
---
### 1. General Specifications
The device is designed to manage signal strength within high-frequency circuits. Below are the core technical specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Voltage Variable Attenuator (VVA) |
| **Frequency Range** | 2300 MHz to 2500 MHz (Optimized for 2.4 GHz bands) |
| **Attenuation Range** | Typically up to 30 dB - 35 dB |
| **Control Voltage** | Analog (0V to 5V or similar range) |
| **Package Type** | Surface Mount (SMD) |
| **RoHS Status** | Compliant (R/N suffix usually denotes specific plating/packaging) |
---
### 2. Functional Description
As a **Voltage Variable Attenuator (VVA)**, the M2AVS-2316-R/N performs the following functions:
* **Signal Leveling:** It adjusts the amplitude of an RF signal based on a DC control voltage without significantly affecting the phase.
* **Automatic Gain Control (AGC):** It is frequently used in feedback loops to maintain a constant output power level despite variations in input signal strength.
* **Interference Mitigation:** It can reduce high-power signals that might otherwise saturate sensitive receiver components (like LNAs).
---
### 3. Application Areas
This part is typically found in hardware that operates within the S-band spectrum:
1. **Wireless Networking:** Wi-Fi 2.4 GHz infrastructure and Bluetooth signal management.
2. **Base Stations:** Cellular infrastructure requiring precise power control.
3. **ISM Band Equipment:** Industrial, Scientific, and Medical equipment operating near 2.4 GHz.
4. **Satellite Communications:** Downlink or uplink signal conditioning.
---
### 4. Circuit Implementation Example
In a typical PCB layout, the part requires careful impedance matching (usually **50 Ohms**) and decoupling capacitors on the control line to prevent noise injection into the RF path.
```markdown
[RF IN] ---> [Matching Network] ---> [M2AVS-2316] ---> [Matching Network] ---> [RF OUT]
^
|
[Control Voltage]
```
---
- ⤷
What are the exact voltage-to-attenuation curves for this model?
- ⤷ What is the insertion loss value when attenuation is set to minimum?
- ⤷ Are there pin-compatible alternatives for the M2AVS-2316 series?