công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-16336-R2/

  • AI
    The **M2AVS-16336-R2** is a specialized electronic component, typically identified as an **Automotive/Industrial Power Distribution Module** or a **Relay/Fuse Block Assembly**, often associated with Ford/Motorcraft or heavy-duty vehicle electronic systems. Below is a breakdown of its core electronic characteristics and functions. --- ### 1. Primary Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Distribution Box (PDB) / Relay Control Module | | **Input Voltage** | Typically 12V or 24V DC (Standard Automotive) | | **Current Handling** | High-amperage busbars for main power distribution | | **Connectivity** | Multi-pin blade connectors or bolt-down terminals | | **Housing Material** | High-temperature, impact-resistant thermoplastic | ### 2. Internal Electronic Parts While the unit acts as a housing, it contains several critical electronic sub-components: * **Relay Sockets:** Designed to hold SPST or SPDT relays which act as electronically controlled switches for high-current loads (like cooling fans or fuel pumps). * **Fuse Slots:** Integrated slots for Mini, JCase, or Maxi fuses to provide overcurrent protection for the vehicle’s ECU and peripherals. * **Internal Busbars:** Thick copper or brass plates that distribute the main battery positive (B+) current to multiple fused circuits with minimal voltage drop. * **Passive Suppression:** Some versions include internal diodes or resistors for flyback voltage suppression to protect sensitive control modules from inductive spikes. ### 3. Functional Architecture The "R2" suffix usually denotes a specific **Revision** level, indicating internal circuitry updates for better heat dissipation or electrical noise filtering compared to the R1 version. 1. **Switching Logic:** It receives low-current signals from a control module (like a Body Control Module) to trigger the internal relays. 2. **Circuit Protection:** Acts as the "sacrificial" point in the electrical system to prevent wire harness fires. 3. **Terminal Interface:** Uses silver or tin-plated pins to ensure low contact resistance and prevent oxidation in harsh environments. ### 4. Application Context The M2AVS series is commonly found in: * **Heavy Machinery:** Power management for hydraulic controls. * **Automotive:** Engine bay power centers. * **Emergency Vehicles:** Managing aftermarket lighting and siren power draws. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout diagrams for the M2AVS-16336-R2?
    • ⤷ How do I test for a blown internal busbar in this module?
    • ⤷ Are there specific relay types recommended for the R2 revision?