công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-16136-R2

  • AI
    The **M2AVS-16136-R2** is a specialized automotive-grade electronic component, typically identified as a **high-current power distribution module** or a specific **connector/header assembly** used in vehicle wiring systems. --- ### 1. Component Overview Based on its nomenclature, this part is commonly associated with automotive power management and signaling. It is designed to handle high-vibration environments and extreme temperature fluctuations. ### 2. Technical Specifications While specific internal circuitry can vary based on the manufacturer (often associated with automotive OEMs or tier-1 suppliers), the general specifications for this class of component include: | Feature | Specification (Typical) | | :--- | :--- | | **Material** | High-temperature Thermoplastic / Copper Alloy | | **Operating Temp** | -40°C to +125°C | | **Voltage Rating** | 12V / 24V DC Systems | | **Contact Plating** | Tin or Silver (for corrosion resistance) | | **Mounting Type** | Through-hole (PCB) or Panel Mount | --- ### 3. Key Electronic Characteristics The "R2" suffix often denotes a specific **revision level** or a **resistance/routing configuration**. * **Terminal Conductivity:** Uses high-conductivity copper alloys to minimize voltage drops across high-current paths. * **EMI/RFI Shielding:** Some versions include integrated shielding or grounding pins to prevent electromagnetic interference from affecting sensitive vehicle sensors. * **Mechanical Keying:** The housing features physical "keys" to ensure that the electronic harness cannot be plugged in backwards or into the wrong port, protecting the underlying circuitry. ### 4. Common Applications 1. **Engine Control Units (ECU):** Acting as the interface between the PCB and the external wire harness. 2. **Power Distribution Boxes:** Managing the flow of electricity from the battery to various sub-systems (lights, wipers, sensors). 3. **Sensor Hubs:** Consolidating multiple analog or digital signals into a single high-reliability connector. --- ### 5. Maintenance and Inspection When troubleshooting the M2AVS-16136-R2, electronics technicians typically look for: * **Contact Pitting:** Caused by arcing during high-load switching. * **Thermal Discoloration:** Indicates a poor connection causing localized heating. * **Continuity:** Testing the resistance between the pin and the PCB solder joint.
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the M2AVS-16136-R2?
    • ⤷ Which automotive manufacturers primarily use this part number?
    • ⤷ Is there a cross-reference or equivalent part for this component?