công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-16116-R

  • AI
    The **M2AVS-16116-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically utilized in industrial and automotive applications where stable voltage regulation and high efficiency are critical. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. General Specifications This module is designed to convert a higher input voltage into a lower, regulated output voltage. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Module | | **Input Voltage Range** | 4.5V to 18V (Standard Operating Range) | | **Output Voltage** | Adjustable or Fixed (typically 0.6V to 5V) | | **Max Output Current** | 16A | | **Efficiency** | Up to 95% | | **Switching Frequency** | 500 kHz to 1 MHz (Internal) | --- ### 2. Key Electronic Components & Features The "R" suffix often denotes a specific packaging (like Tape & Reel) or a specialized ROHS-compliant version. The internal architecture consists of: * **Integrated Power MOSFETs:** It uses high-side and low-side power transistors with very low $R_{DS(on)}$ to minimize heat generation during high-current delivery. * **PWM Controller:** A high-speed Pulse Width Modulation controller that adjusts the duty cycle to maintain a steady output despite input fluctuations. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds 16A. * **OTP (Over-Temperature Protection):** Thermal shutdown if the internal die temperature exceeds safety limits (usually around 150°C). * **UVLO (Under-Voltage Lockout):** Ensures the device does not start until the input voltage is high enough for stable operation. --- ### 3. Application Use Cases Due to its high current rating (16A), this part is commonly found in: 1. **Server & Networking:** Powering FPGAs, ASICs, and DSPs that require high-current rails at low voltages. 2. **Automotive Infotainment:** Providing stable 3.3V or 5V rails from a 12V battery system. 3. **Industrial Automation:** Point-of-Load (POL) regulation for PLC systems. ### 4. Implementation Example (Basic Logic) To integrate this into a circuit, the layout must handle high thermal dissipation. The following pseudocode-style logic represents the enable sequence: ```cpp // Logic for controlling the M2AVS Module Enable Pin if (Input_Voltage > 4.5V) { digitalWrite(ENABLE_PIN, HIGH); // Start Voltage Conversion if (Output_Status == STABLE) { Power_Good_LED = ON; } } else { digitalWrite(ENABLE_PIN, LOW); // Protect system from Under-Voltage } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the thermal management requirement for a 16A output?
    • ⤷ What are the specific pinout configurations for the M2AVS series?
    • ⤷ Does this module support parallel operation for higher current needs?