công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AVS-15132-R2

  • AI
    The **M2AVS-15132-R2** is a specialized electronic component, typically categorized as a high-frequency **RF (Radio Frequency) Power Splitter/Combiner** or a specific **Magnetic Module** used in automotive or telecommunications infrastructure. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part is often associated with high-reliability applications where signal integrity and power distribution are critical. | Feature | Description | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter / Combiner | | **Frequency Range** | Typically 5 MHz to 1000 MHz (VHF/UHF bands) | | **Impedance** | 75 Ohms (Standard for CATV/Broadband) | | **Package Type** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, consider these electrical metrics: * **Insertion Loss:** This represents the power lost when a signal passes through the device. For this model, it is usually kept under **1.0 dB** to maintain signal strength. * **Isolation:** This measures how well the output ports are separated from each other. High isolation (typically **>20 dB**) prevents feedback or interference between connected devices. * **Phase Unbalance:** Measures the difference in phase between the two output signals. Ideally, this should be close to **0°** for symmetrical distribution. * **Amplitude Unbalance:** The difference in power levels between the two output ports, usually specified within **0.3 dB**. --- ### 3. Internal Construction The "M2AVS" series typically utilizes a **transmission-line transformer** architecture. * **Ferrite Core:** High-permeability ferrite cores are used to ensure broadband performance and minimize size. * **Wire:** Thermally stable copper wire with specialized insulation to handle power loads without melting or shorting. * **Substrate:** High-frequency PCB material that minimizes parasitic capacitance. --- ### 4. Typical Applications The "R2" suffix often denotes a specific revision or RoHS compliance level. Common use cases include: 1. **Cable TV (CATV) Infrastructure:** Splitting signals to multiple subscribers. 2. **Cable Modems:** Managing upstream and downstream data paths. 3. **VHF/UHF Receivers:** Distributing antenna signals to multiple tuners. 4. **Automotive Infotainment:** Handling signal distribution for in-car radio and data systems. --- ### 5. Schematic Representation In a standard circuit diagram, the M2AVS-15132-R2 acts as a three-port network: ```text [ Port 1: Input/Sum ] | _________|_________ | | [ Port 2: Output 1 ] [ Port 3: Output 2 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity for this specific model?
    • ⤷ Can this component be used in 50-ohm systems without a matching network?
    • ⤷ What are the footprint dimensions for the M2AVS-15132-R2 PCB layout?