công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A442-R

  • AI
    The **M2AS1-A442-R** is a specific model of an **Industrial Solid State Relay (SSR)**, typically associated with manufacturers like **Celduc Relais** or similar industrial automation providers. These devices are used to switch high-power AC loads using low-voltage DC control signals. --- ### 1. Component Overview The M2AS1-A442-R is a single-phase solid-state switching device. Unlike mechanical relays, it has no moving parts, which results in a longer operational lifespan and silent operation. ### 2. Technical Specifications Below are the typical electronic characteristics for this part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Control Voltage** | 3.5 - 32 VDC | The input signal required to trigger the relay. | | **Load Voltage** | 12 - 280 VAC | The range of AC voltage the relay can switch. | | **Rated Current** | 25A - 40A* | Maximum load current (highly dependent on heat sinking). | | **Switching Type** | Zero Cross | Turns on when AC voltage is near zero to reduce EMI. | | **Output Type** | Back-to-back Thyristors | High robustness for industrial inductive/resistive loads. | | **Isolation** | 4000 Vrms | Input-to-output optical isolation for safety. | *\*Note: Exact amperage depends on the specific revision; always check the physical label.* --- ### 3. Key Electronic Features #### A. Zero-Cross Switching The "Zero-Cross" function is a critical electronic feature. The relay waits for the sine wave of the AC load to pass through 0V before activating. This minimizes: * Inrush currents. * Electrical noise (EMI). * Stress on the electronic components within the load. #### B. Optical Isolation The internal circuit uses an **Optocoupler**. This means there is no physical electrical connection between the sensitive DC control circuit (PLC or Microcontroller) and the high-power AC line, protecting the controller from surges. #### C. Built-in Protection These units often include an internal **RC Snubber** circuit. This helps protect the internal thyristors against high $dv/dt$ (rapid voltage spikes) common when switching inductive loads like motors or transformers. --- ### 4. Connection Diagram (General) ```text CONTROL (Input) LOAD (Output) +--------------+ +--------------+ | (3) + DC | | (1) L1 | | (4) - DC | | (2) Load | +--------------+ +--------------+ | | Low Voltage High Voltage (3.5-32V) (12-280V AC) ``` ### 5. Thermal Management Because this is a semiconductor-based device, it generates heat during operation (roughly 1 to 1.5 Watts per Ampere). To prevent thermal runaway or failure, the **M2AS1-A442-R** must be mounted on a properly sized **heatsink** using thermal paste. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in this model?
    • ⤷ What size heatsink is recommended for a 20A load?
    • ⤷ Can this SSR be used to control a three-phase motor?