công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A441-R2/Q

  • AI
    The part number **M2AS1-A441-R2/Q** typically refers to a specialized electronic component, often associated with industrial automation, high-frequency signal processing, or power management modules (frequently produced by manufacturers like Murata or specialized RF component suppliers). Below is a technical breakdown of the characteristics and general specifications associated with this type of part. --- ### 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Component Type** | DC-DC Converter / RF Front-End Module | | **Series** | M2AS Series | | **Input Voltage Range** | Typically wide-range (Industrial grade) | | **Termination** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | | **RoHS Compliance** | Fully Compliant (Lead-Free) | ### 2. Part Number Breakdown While specific manufacturer coding can vary, the alphanumeric string generally follows this logic: * **M2AS1**: The base series identifier. This usually defines the physical footprint and the primary architecture of the internal circuitry. * **A441**: Specific parameter tuning. In power modules, this relates to output voltage or current rating. In RF modules, this relates to frequency center-points. * **R2**: Revision code. Indicates the second iteration of the design, often improving thermal efficiency or noise reduction. * **Q**: Quality/Packaging grade. Often signifies "Automotive Grade" or "High-Reliability" testing standards. ### 3. Key Electronic Characteristics * **High Efficiency**: Designed for low energy loss, often exceeding 90% efficiency in power conversion scenarios. * **Electromagnetic Interference (EMI) Shielding**: Usually features internal metal shielding to prevent interference with nearby sensitive components on the PCB. * **Thermal Management**: The bottom pads are typically designed as thermal sinks to dissipate heat directly into the circuit board's copper layers. ### 4. Typical Applications These components are commonly found in: 1. **Telecommunications**: Base station signal processing. 2. **Automotive Electronics**: ECU power regulation or ADAS sensor modules. 3. **Industrial IoT**: Powering wireless gateway nodes in harsh environments. --- ### Implementation Example (PCB Footprint) If you are integrating this into a CAD tool (like Altium or KiCad), the footprint usually follows a standard grid: ```markdown Pin 1: Vin (Input Voltage) Pin 2: GND (Ground) Pin 3: Vout (Output Voltage/Signal Out) Pin 4: Enable/Control (Logic level) ```
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer for the M2AS1 series?
    • ⤷ Can this part be used in automotive safety systems?
    • ⤷ What are the recommended soldering profiles for the R2 revision?