công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-A433-R/CE

  • AI
    The **M2AS1-A433-R/CE** is a specific part number typically associated with **M2 Series Industrial Switches** or safety limit switches produced by manufacturers like **Bernstein AG** or similar industrial automation brands. These devices are designed to convert mechanical motion into an electrical control signal. --- ### 1. Technical Specifications The breakdown of the electronic and mechanical components for this series generally follows these specifications: | Feature | Description | | :--- | :--- | | **Contact Type** | Snap-action or Slow-action (typically 1NO / 1NC) | | **Housing Material** | Aluminum Die-cast (AS1 Series) | | **Actuator Type** | Roller Lever or Plunger (A433 suffix often denotes the specific arm) | | **Voltage Rating** | Up to 240V AC / 24V DC | | **Current Rating** | 10A (Thermal Current $I_{th}$) | | **Protection Class** | IP65 or IP67 (Dust tight and water resistant) | --- ### 2. Internal Electronic Components While these are mechanical switches, the "electronic" side refers to the contact block and electrical interface: * **Contact Block:** The heart of the unit. It contains silver or gold-plated contacts to ensure high conductivity and resistance to oxidation. * **Galvanic Isolation:** The switch provides physical separation between the contacts (Zb form), ensuring that the Normally Open (NO) and Normally Closed (NC) circuits are electrically isolated from each other. * **Termination:** Screw terminals are used for wiring. These are designed to handle vibration without loosening, a critical factor in industrial environments. --- ### 3. Functional Operation The device functions as a **Position Switch**: 1. **Mechanical Input:** An object hits the roller lever (Actuator). 2. **Spring Mechanism:** The internal spring reaches a trip point. 3. **Electrical Output:** The contact bridge moves rapidly (Snap action), opening the NC circuit and closing the NO circuit to signal a PLC or Safety Relay. --- ### 4. Application Environments Due to the **CE** marking and the rugged **AS1** housing, these parts are used in: * **Conveyor Systems:** To detect the presence or position of a pallet. * **Safety Interlocks:** To ensure a machine guard is closed before the motor starts. * **Limit Detection:** Preventing mechanical over-travel in CNC machines or cranes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the 1NO/1NC contact block?
    • ⤷ Does this model support safety-rated 'positive opening' for emergency stop applications?
    • ⤷ What are the mounting dimensions for the M2AS1 series housing?